Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4901SMD Datasheet (PDF) - Seme LAB

2N4901SMD Datasheet PDF - Seme LAB
Part # 2N4901SMD
Download  2N4901SMD Download
File Size   14.66 Kbytes
Page   1 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description Bipolar PNP Device in a Hermetically sealed

2N4901SMD Datasheet (PDF)

Go To PDF Page Download Datasheet
2N4901SMD Datasheet PDF - Seme LAB

Part # 2N4901SMD
Download  2N4901SMD Click to download

File Size   14.66 Kbytes
Page   1 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description Bipolar PNP Device in a Hermetically sealed

2N4901SMD Datasheet (HTML) - Seme LAB


2N4901SMD Product details

Bipolar PNP Device in a Hermetically sealed Ceramic Surface Mount Package for High Reliability Applications

Bipolar PNP Device.
    VCEO = 40V
    IC = 5A




Similar Part No. - 2N4901SMD

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N4901 MOSPEC-2N4901 Datasheet
171Kb / 4P
POWER TRANSISTORS(5.0A,87.5W)
logo
Boca Semiconductor Corp...
2N4901 BOCA-2N4901 Datasheet
175Kb / 4P
COMPLEMENTARY SILICON TRANSISTORS
logo
List of Unclassifed Man...
2N4901 ETC-2N4901 Datasheet
347Kb / 8P
Power Transistors
logo
Savantic, Inc.
2N4901 SAVANTIC-2N4901 Datasheet
112Kb / 3P
Silicon PNP Power Transistors
logo
Comset Semiconductor
2N4901 COMSET-2N4901 Datasheet
130Kb / 3P
PNP SILICON TRANSISTORS, EPITAXIAL BASE
More results


Similar Description - 2N4901SMD

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3789XSMD SEME-LAB-2N3789XSMD Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed
2N3790SMD SEME-LAB-2N3790SMD Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed
2N3790XSMD SEME-LAB-2N3790XSMD Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed
2N3791SMD SEME-LAB-2N3791SMD Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed
2N3792SMD SEME-LAB-2N3792SMD Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed
2N3867SMD05 SEME-LAB-2N3867SMD05 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed
2N3868SMD SEME-LAB-2N3868SMD Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed
2N5153SMD SEME-LAB-2N5153SMD Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed
BUX78ASMD SEME-LAB-BUX78ASMD Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed
BUX78SMD SEME-LAB-BUX78SMD Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com