Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4592W Datasheet (PDF) - Sanyo Semicon Device

LA4592W Datasheet PDF - Sanyo Semicon Device
Part # LA4592W
Download  LA4592W Download
File Size   161.7 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1.5-V Preamplifier Power Amplifier for Headphone Stereo Products

LA4592W Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4592W Datasheet PDF - Sanyo Semicon Device

Part # LA4592W
Download  LA4592W Click to download

File Size   161.7 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1.5-V Preamplifier Power Amplifier for Headphone Stereo Products

LA4592W Datasheet (HTML) - Sanyo Semicon Device


LA4592W Product details

Overview
The LA4592W is a single-chip 1.5-V headphone stereo system IC. The LA4592W adds a variety of functions, including a switch amplifier (for end product audio quality switches, the metal tape switch, and other switches) and an AMSS (Automatic Music Search System) function that supports blank skipping, to the earlier LA4590W. Furthermore, the LA4592W provides even lower no-signal time power levels for lower end-product power dissipation. In combination with the LA3235W 1.5-V record preamplifier IC, the LA4592W can be used to implement a record/playback cassette system with just two ICs.

Features
• Virtual ground impedance is reduced by built-in VREF amplifier
• No capacitor required for ripple filter oscillation prevention.
• Provides ample output power at low frequencies.  (PO = 24 mW, VCC = 1.2 V, f = 150 Hz)
• High-frequency cutoff capacitors built into the preamplifier and power amplifier inputs to minimize buzzing.

Functions
• Stereo preamplifier: supports auto reverse and includes a muting function.
• Stereo power amplifier: Includes OCL and muting functions.
• Ripple filter
• Low boost function (BTL operation in the lowfrequency region)
• Inter-track detection function (Supports AMSS and blank skipping)
• Two switching amplifiers
• Power switch (standby function)




Similar Part No. - LA4592W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4590W SANYO-LA4590W Datasheet
415Kb / 19P
1.5V Stereo Headphone Preamplifier and Power Amplifier?
LA4597 SANYO-LA4597 Datasheet
100Kb / 4P
2-Channel Power Amp for Radio-Cassette Recorders
LA4598 SANYO-LA4598 Datasheet
174Kb / 9P
Two-channel Power Amplifier for Radio Cassette Players (No Heat Sink Needed during 9 V Operation)
More results


Similar Description - LA4592W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4581MB SANYO-LA4581MB Datasheet
216Kb / 8P
Preamplifier Power Amplifier for 3V Headphone Stereos
LA4585M SANYO-LA4585M Datasheet
131Kb / 5P
3-V Preamplifier Power Amplifier for Headphone Stereo Products
LA4587M SANYO-LA4587M Datasheet
342Kb / 18P
Preamplifier Power Amplifier for 1.5 V Headphone Stereos
LA4589W SANYO-LA4589W Datasheet
261Kb / 12P
1.5V Stereo Headphone Preamplifier and Power Amplifier
LA4590W SANYO-LA4590W Datasheet
415Kb / 19P
1.5V Stereo Headphone Preamplifier and Power Amplifier?
LA4800V SANYO-LA4800V Datasheet
192Kb / 11P
3 V Stereo Headphone Power Amplifier
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
Headphone Stereo Power Amplifier
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
Headphone Stereo Power Amplifier
LA4535M SANYO-LA4535M_08 Datasheet
173Kb / 4P
For 1.5V Headphone Stereo Power Amplifier
LA4535MC SANYO-LA4535MC Datasheet
160Kb / 4P
For 1.5V Headphone Stereo Power Amplifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com