Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD2NC45-1 Datasheet (PDF) - STMicroelectronics

STD2NC45-1 Datasheet PDF - STMicroelectronics
Part # STD2NC45-1_09
Download  STD2NC45-1 Download
File Size   262.62 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 450 V, 4.1 , 1.5 A, IPAK SuperMESH Power MOSFET

STD2NC45-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STD2NC45-1 Datasheet PDF - STMicroelectronics

Part # STD2NC45-1_09
Download  STD2NC45-1 Click to download

File Size   262.62 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 450 V, 4.1 , 1.5 A, IPAK SuperMESH Power MOSFET

STD2NC45-1 Datasheet (HTML) - STMicroelectronics


STD2NC45-1 Product details

Description
The SuperMESH™ series is obtained through an extreme optimization of ST’s well established strip-based PowerMESH™ layout. In addition to pushing on-resistance significantly down, special care is taken to ensure a very good dv/dt capability for the most demanding applications. Such series complements ST full range of high voltage Power MOSFETs including revolutionary MDmesh™ products.

Features
■ Extremely high dv/dt capability
■ 100% avalanche tested
■ Gate charge minimized
■ New high voltage benchmark

Applications
■ Switching applications




Similar Part No. - STD2NC45-1_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NC45-1 STMICROELECTRONICS-STD2NC45-1_06 Datasheet
381Kb / 15P
N-channel 450V - 4.1 - 1.5A - IPAK - TO-92 SuperMESH Power MOSFET
12-Jul-2006
More results


Similar Description - STD2NC45-1_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD1NK60 STMICROELECTRONICS-STD1NK60 Datasheet
748Kb / 13P
N-CHANNEL 600V - 8 - 1A DPAK / IPAK / TO-92 SuperMESH Power MOSFET
2003-Jun
STD2NC45-1 STMICROELECTRONICS-STD2NC45-1 Datasheet
381Kb / 11P
N-channel 450V - 4.1 - 1.5A - IPAK - TO-92 SuperMESH Power MOSFET
Jun-2003
STD2NC45-1 STMICROELECTRONICS-STD2NC45-1_06 Datasheet
381Kb / 15P
N-channel 450V - 4.1 - 1.5A - IPAK - TO-92 SuperMESH Power MOSFET
12-Jul-2006
STD2NK70Z STMICROELECTRONICS-STD2NK70Z_06 Datasheet
457Kb / 16P
N-channel 700V - 6Ω - 1.6 A - DPAK/IPAK Zener protected SuperMESH??Power MOSFET
13-Jul-2006
STD2NK100Z STMICROELECTRONICS-STD2NK100Z Datasheet
459Kb / 16P
N-channel 1000 V, 6.25 Ω, 1.85 A, TO-220, DPAK, IPAK Zener-protected SuperMESH™Power MOSFET
18-Jun-2008
logo
Unisonic Technologies
UT3458 UTC-UT3458 Datasheet
152Kb / 3P
4.1 A, 60 V (D-S) N-CHANNEL POWER MOSFET
logo
STMicroelectronics
STN3N45K3 STMICROELECTRONICS-STN3N45K3 Datasheet
487Kb / 12P
N-channel 450 V, 3.2 Ω, 1.8 A, TO-92, SOT-223, IPAK SuperMESH3??Power MOSFET
23-Apr-2010
logo
STATEK CORPORATION
STU3N45K3 STATEK-STU3N45K3 Datasheet
838Kb / 14P
N-channel 450 V - 3.3 廓 typ., 1.8 A Zener-protected SuperMESH3??Power MOSFET in a IPAK package
logo
ON Semiconductor
NTD5C648NL ONSEMI-NTD5C648NL Datasheet
233Kb / 7P
MOSFET ??Power, Single, N-Channel 60 V, 4.1 m, 91 A
May, 2019??Rev.
NVCR8LS4D1N15MCA ONSEMI-NVCR8LS4D1N15MCA Datasheet
145Kb / 6P
MOSFET – Power, N-Channel 150 V, 4.1 m
June, 2022 - Rev. 0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com