Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRS5IC Datasheet (PDF) - OptoSupply International

FRS5IC Datasheet PDF - OptoSupply International
Part # FRS5IC
Download  FRS5IC Download
File Size   113.61 Kbytes
Page   3 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 850nm & 940nm Infrared LED Module

FRS5IC Datasheet (PDF)

Go To PDF Page Download Datasheet
FRS5IC Datasheet PDF - OptoSupply International

Part # FRS5IC
Download  FRS5IC Click to download

File Size   113.61 Kbytes
Page   3 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 850nm & 940nm Infrared LED Module

FRS5IC Datasheet (HTML) - OptoSupply International




Similar Part No. - FRS5IC

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
FRS5IC OPTOSUPPLY-FRS5IC Datasheet
113Kb / 3P
850nm & 940nm Infrared LED Module Each LED watts: 0.06W
More results


Similar Description - FRS5IC

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSPRO2X2-I3CAS1C1A OPTOSUPPLY-OSPRO2X2-I3CAS1C1A Datasheet
68Kb / 4P
850nm & 940nm Infrared SMD LED Ring Diameter(outer): 42.1mm
OSPRO2X3-I3CAS1C1A OPTOSUPPLY-OSPRO2X3-I3CAS1C1A Datasheet
69Kb / 4P
12V 850nm & 940nm Infrared SMD LED Ring Diameter(outer): 42.1mm
FRS5XX OPTOSUPPLY-FRS5XX Datasheet
113Kb / 3P
850nm & 940nm Infrared LED Module Each LED watts: 0.06W
OSFKS5XX OPTOSUPPLY-OSFKS5XX Datasheet
69Kb / 3P
PRODUCT SPECIFICATION FOR 850nm & 940nm Infrared LED Ring
OSPRO2X2-XXXAS1C1A OPTOSUPPLY-OSPRO2X2-XXXAS1C1A Datasheet
68Kb / 4P
850nm & 940nm Infrared SMD LED Ring Diameter(outer): 42.1mm
OSPRO2X3-XXXAS1C1A OPTOSUPPLY-OSPRO2X3-XXXAS1C1A Datasheet
69Kb / 4P
12V 850nm & 940nm Infrared SMD LED Ring Total Watts: 0.3W
OSI5XNE3E1E OPTOSUPPLY-OSI5XNE3E1E Datasheet
140Kb / 2P
Xeon 3 Power 940nm Infrared Emiitttter LED
logo
STANLEY ELECTRIC CO.,LT...
TAN1109F-TR STANLEY-TAN1109F-TR Datasheet
574Kb / 21P
Infrared LED (Peak wavelength : 940nm)
logo
Rohm
RLD94SAQ6 ROHM-RLD94SAQ6 Datasheet
277Kb / 4P
940nm Infrared VCSEL
RLD94SAQ8 ROHM-RLD94SAQ8 Datasheet
748Kb / 5P
940nm Infrared VCSEL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com