Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T405Q-600 Datasheet (PDF) - STMicroelectronics

T405Q-600 Datasheet PDF - STMicroelectronics
Part # T405Q-600
Download  T405Q-600 Download
File Size   74.15 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Sensitive 4Q 4A TRIAC

T405Q-600 Datasheet (PDF)

Go To PDF Page Download Datasheet
T405Q-600 Datasheet PDF - STMicroelectronics

Part # T405Q-600
Download  T405Q-600 Click to download

File Size   74.15 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Sensitive 4Q 4A TRIAC

T405Q-600 Datasheet (HTML) - STMicroelectronics


T405Q-600 Product details

Description
Sensitive Triacs are intended in general purpose applications where high surge current capability is required. These Triacs feature a gate current capability sensitivities of 5 mA or 10 mA depending on the quadrant.
   
Features
• MCU direct gate drive
• 4 quadrants Triac
• ECOPACK®2 compliant component
   
Applications
• Motor control circuits
• Small home appliances
• Fan speed controller
• Pump and valve drive
• Mahjong machines
• Lighting dimmers
   




Similar Part No. - T405Q-600

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T405Q-600B STMICROELECTRONICS-T405Q-600B Datasheet
70Kb / 7P
Sensitive 4Q 4A TRIAC
Jul-2002
T405Q-600B-TR STMICROELECTRONICS-T405Q-600B-TR Datasheet
70Kb / 7P
Sensitive 4Q 4A TRIAC
Jul-2002
logo
Kersemi Electronic Co.,...
T405Q-600B-TR KERSEMI-T405Q-600B-TR Datasheet
431Kb / 7P
Sensitive 4Q 4A TRIAC
logo
STMicroelectronics
T405Q-600BTR STMICROELECTRONICS-T405Q-600BTR Datasheet
70Kb / 7P
Sensitive 4Q 4A TRIAC
Jul-2002
T405Q-600H STMICROELECTRONICS-T405Q-600H Datasheet
70Kb / 7P
Sensitive 4Q 4A TRIAC
Jul-2002
More results


Similar Description - T405Q-600

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE56039 NTE-NTE56039 Datasheet
20Kb / 2P
TRIAC, 4A Sensitive Gate
NTE56040 NTE-NTE56040 Datasheet
20Kb / 2P
TRIAC, 4A Sensitive Gate
logo
STMicroelectronics
T405Q-600B-TR STMICROELECTRONICS-T405Q-600B-TR Datasheet
70Kb / 7P
Sensitive 4Q 4A TRIAC
Jul-2002
logo
Kersemi Electronic Co.,...
T405Q-600H KERSEMI-T405Q-600H Datasheet
431Kb / 7P
Sensitive 4Q 4A TRIAC
logo
DIYI Electronic Technol...
BTB06F-600T DYELEC-BTB06F-600T Datasheet
1Mb / 3P
4Q Triac
logo
WeEn Semiconductors
BT134-600E WEEN-BT134-600E Datasheet
560Kb / 13P
4Q Triac
BT134-800 WEEN-BT134-800 Datasheet
505Kb / 13P
4Q Triac
BT134W-600 WEEN-BT134W-600 Datasheet
228Kb / 15P
4Q Triac
BT136S-600F WEEN-BT136S-600F Datasheet
259Kb / 13P
4Q Triac
BT136X-600 WEEN-BT136X-600 Datasheet
506Kb / 13P
4Q Triac
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com