Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G10 Datasheet (PDF) - Diodes Incorporated

74LVC1G10 Datasheet PDF - Diodes Incorporated
Part # 74LVC1G10
Download  74LVC1G10 Download
File Size   291.12 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE 3 INPUT POSITIVE NAND GATE

74LVC1G10 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G10 Datasheet PDF - Diodes Incorporated

Part # 74LVC1G10
Download  74LVC1G10 Click to download

File Size   291.12 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE 3 INPUT POSITIVE NAND GATE

74LVC1G10 Datasheet (HTML) - Diodes Incorporated


74LVC1G10 Product details

Description

The 74LVC1G10 is a single 3-input positive NAND gate with a standard push-pull output. The device is designed for operation with a power supply range of 1.65V to 5.5V. The inputs are tolerant to 5.5V allowing this device to be used in a mixed voltage environment. The device is fully specified for partial power down applications using IOFF. The IOFF circuitry disables the output preventing damaging current backflow when the device is powered down.



Features

• Wide Supply Voltage Range from 1.65V to 5.5V

• ± 24mA Output Drive at 3.3V

• CMOS low power consumption

• IOFF Supports Partial-Power-Down Mode Operation

• Inputs accept up to 5.5V

• ESD Protection Exceeds JESD 22

  200-V Machine Model (A115-A)

  2000-V Human Body Model (A114-A)

• Latch-Up Exceeds 100mA per JESD 78, Class II

• Range of Package Options

• SOT26, SOT363, DFN1410, and DFN1010: Available in “Green” Molding Compound (no Br, Sb)

• Lead Free Finish/ RoHS Compliant



Applications

• Voltage Level Shifting

• General Purpose Logic

• Power Down Signal Isolation

• Wide array of products such as:

   o PCs, networking, notebooks, netbooks, PDAs

   o Computer peripherals, hard drives, CD/DVD ROM

   o TV, DVD, DVR, set top box

   o Cell Phones, Personal Navigation / GPS

   o MP3 players ,Cameras, Video Recorders




Similar Part No. - 74LVC1G10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G10 NXP-74LVC1G10 Datasheet
76Kb / 14P
Single 3-input NAND gate
Rev. 01-2 October 2007
logo
Diodes Incorporated
74LVC1G10 DIODES-74LVC1G10 Datasheet
314Kb / 13P
SINGLE 3 INPUT POSITIVE NAND GATE
Rev 3
logo
Nexperia B.V. All right...
74LVC1G10 NEXPERIA-74LVC1G10 Datasheet
238Kb / 15P
Single 3-input NAND gate
Rev. 7 - 2 February 2022
74LVC1G10-Q100 NEXPERIA-74LVC1G10-Q100 Datasheet
764Kb / 12P
Single 3-input NAND gate
logo
Texas Instruments
74LVC1G10DBVRG4 TI-74LVC1G10DBVRG4 Datasheet
675Kb / 15P
SINGLE 3-INPUT POSITIVE-NAND GATE
More results


Similar Description - 74LVC1G10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC10 TI-SN74ALVC10 Datasheet
110Kb / 7P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74LVC10A TI-SN74LVC10A Datasheet
345Kb / 12P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74LVC1G10 TI-SN74LVC1G10 Datasheet
252Kb / 11P
SINGLE 3 INPUT POSITIVE NAND GATE
SN54LV10A TI-SN54LV10A Datasheet
332Kb / 13P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV10A TI-SN54LV10A_07 Datasheet
474Kb / 15P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74LVC1G10 TI-SN74LVC1G10_10 Datasheet
675Kb / 15P
SINGLE 3-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVC1G10_1107 DIODES-74LVC1G10_1107 Datasheet
314Kb / 13P
SINGLE 3 INPUT POSITIVE NAND GATE
Rev 3
logo
Texas Instruments
SN74HC10-EP TI1-SN74HC10-EP Datasheet
540Kb / 11P
TRIPLE 3-INPUT POSITIVE-NAND GATE
logo
Unisonic Technologies
U74LVC1G10 UTC-U74LVC1G10 Datasheet
187Kb / 6P
SINGLE 3-INPUT POSITIVE-NAND GATE
logo
Texas Instruments
SN74LVC1G10 TI1-SN74LVC1G10_15 Datasheet
1Mb / 25P
Single 3-Input Positive-NAND Gate
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com