Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G11 Datasheet (PDF) - Diodes Incorporated

74LVC1G11 Datasheet PDF - Diodes Incorporated
Part # 74LVC1G11
Download  74LVC1G11 Download
File Size   256.19 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE 3 INPUT POSITIVE AND GATE

74LVC1G11 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G11 Datasheet PDF - Diodes Incorporated

Part # 74LVC1G11
Download  74LVC1G11 Click to download

File Size   256.19 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE 3 INPUT POSITIVE AND GATE

74LVC1G11 Datasheet (HTML) - Diodes Incorporated


74LVC1G11 Product details

Description

The 74LVC1G11 is a single 3-input positive AND gate with a standard push-pull output. The device is designed for operation with a power supply range of 1.65V to 5.5V. The inputs are tolerant to 5.5V allowing this device to be used in a mixed voltage environment. The device is fully specified for partial power down applications using IOFF. The IOFF circuitry disables the output preventing damaging current backflow when the device is powered down.



Features

• Wide Supply Voltage Range from 1.65V to 5.5V

• ± 24mA Output Drive at 3.3V

• CMOS low power consumption

• IOFF Supports Partial-Power-Down Mode Operation

• Inputs accept up to 5.5V

• ESD Protection Exceeds JESD 22

   o 200-V Machine Model (A115-A)

   o 2000-V Human Body Model (A114-A)

• Latch-Up Exceeds 100mA per JESD 78, Class II

• Range of Package Options

• SOT26, SOT363, DFN140, and DFN1010: Available in “Green” Molding Compound (no Br, Sb)

• Lead Free Finish/ RoHS Compliant (Note 1)



Applications

• Voltage Level Shifting

• General Purpose Logic

• Power Down Signal Isolation

• Wide array of products such as:

   o PCs, networking, notebooks, netbooks, PDAs

   o Computer peripherals, hard drives, CD/DVD ROM

   o TV, DVD, DVR, set top box

   o Cell Phones, Personal Navigation / GPS

   o MP3 players ,Cameras, Video Recorders



 




Similar Part No. - 74LVC1G11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G11 PHILIPS-74LVC1G11 Datasheet
71Kb / 14P
Single 3-input AND gate
Rev. 01-30 November 2004
74LVC1G11 NXP-74LVC1G11 Datasheet
84Kb / 14P
Single 3-input AND gate
Rev. 04-1 August 2007
logo
Diodes Incorporated
74LVC1G11 DIODES-74LVC1G11 Datasheet
309Kb / 13P
SINGLE 3 INPUT POSITIVE AND GATE
Rev 3
logo
NXP Semiconductors
74LVC1G11 PHILIPS-74LVC1G11 Datasheet
195Kb / 17P
Single 3-input AND gate
Rev. 7-4 July 2012
logo
Nexperia B.V. All right...
74LVC1G11 NEXPERIA-74LVC1G11 Datasheet
261Kb / 16P
Single 3-input AND gate
Rev. 13 - 9 May 2023
More results


Similar Description - 74LVC1G11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G11 TI-SN74LVC1G11 Datasheet
253Kb / 11P
SINGLE 3 INPUT POSITIVE AND GATE
SN74LVC1G11 TI-SN74LVC1G11_07 Datasheet
392Kb / 13P
SINGLE 3-INPUT POSITIVE-AND GATE
SN74LVC1G11-EP TI-SN74LVC1G11-EP Datasheet
532Kb / 11P
SINGLE 3-INPUT POSITIVE AND GATE
SN74LVC1G11 TI-SN74LVC1G11_10 Datasheet
614Kb / 14P
SINGLE 3-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74LVC1G11_1107 DIODES-74LVC1G11_1107 Datasheet
309Kb / 13P
SINGLE 3 INPUT POSITIVE AND GATE
Rev 3
logo
Texas Instruments
SN74LVC1G11-Q1 TI1-SN74LVC1G11-Q1 Datasheet
321Kb / 11P
SINGLE 3-INPUT POSITIVE-AND GATE
logo
Unisonic Technologies
U74LVC1G11 UTC-U74LVC1G11 Datasheet
188Kb / 6P
SINGLE 3-INPUT POSITIVE-AND GATE
U74LVC1G11 UTC-U74LVC1G11_15 Datasheet
191Kb / 6P
SINGLE 3-INPUT POSITIVE-AND GATE
logo
Texas Instruments
SN74LVC1G11 TI1-SN74LVC1G11_15 Datasheet
1Mb / 30P
Single 3-Input Positive-AND Gate
SN74LVC1G11-EP TI1-SN74LVC1G11-EP_16 Datasheet
838Kb / 12P
SINGLE 3-INPUT POSITIVE AND GATE
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com