Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G14 Datasheet (PDF) - Diodes Incorporated

74LVC1G14 Datasheet PDF - Diodes Incorporated
Part # 74LVC1G14
Download  74LVC1G14 Download
File Size   273.73 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE SCHMITT-TRIGGER INVERETER

74LVC1G14 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G14 Datasheet PDF - Diodes Incorporated

Part # 74LVC1G14
Download  74LVC1G14 Click to download

File Size   273.73 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE SCHMITT-TRIGGER INVERETER

74LVC1G14 Datasheet (HTML) - Diodes Incorporated


74LVC1G14 Product details

Description
The 74LVC1G14 is a single 1-input Schmitt-trigger inverter with a standard push-pull output. The device is designed for operation with a power supply range of 1.65V to 5.5V. The inputs are tolerant to 5.5V allowing this device to be used in a mixed voltage environment. The device is fully specified for partial power down applications using IOFF. The IOFF circuitry disables the output preventing damaging current backflow when the device is powered down. The gate performs the positive Boolean function: Y = A

Features
● Wide Supply Voltage Range from 1.65V to 5.5V
● ± 24mA Output Drive at 3.3V
● CMOS low power consumption
● IOFF Supports Partial-Power-Down Mode Operation
● Inputs accept up to 5.5V
● ESD Protection Exceeds JESD 22
   ▪ 200-V Machine Model (A115)
   ▪ 2000-V Human Body Model (A114)
● Latch-Up Exceeds 100mA per JESD 78, Class I
● Range of Package Options
● Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
● Halogen and Antimony Free. “Green” Device (Note 3)

Applications
● Voltage Level Shifting
● General Purpose Logic
● Power Down Signal Isolation
● Wide array of products such as:
   ▪ PCs, networking, notebooks, netbooks, PDAs
   ▪ Computer peripherals, hard drives, CD/DVD ROM
   ▪ TV, DVD, DVR, set top box
   ▪ Cell Phones, Personal Navigation / GPS
   ▪ MP3 players ,Cameras, Video Recorders




Similar Part No. - 74LVC1G14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
Single Schmitt-trigger inverter
2004 Sep 10
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
Single Schmitt-trigger inverter
Rev. 07-18 July 2007
logo
Diodes Incorporated
74LVC1G14 DIODES-74LVC1G14 Datasheet
300Kb / 13P
SINGLE SCHMITT-TRIGGER INVERETER
Rev 3
logo
NXP Semiconductors
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
368Kb / 20P
Single Schmitt-trigger inverter
Rev. 12-6 August 2012
logo
Nexperia B.V. All right...
74LVC1G14 NEXPERIA-74LVC1G14 Datasheet
290Kb / 19P
Single Schmitt-trigger inverter
Rev. 17 - 20 January 2022
More results


Similar Description - 74LVC1G14

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4S584 ROHM-BU4S584 Datasheet
38Kb / 4P
Single Schmitt trigger
logo
Texas Instruments
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
SINGLE SCHMITT TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
Single Schmitt-trigger inverter
2004 Sep 10
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
SINGLE SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74AHC1G14 DIODES-74AHC1G14_11 Datasheet
184Kb / 9P
SINGLE SCHMITT-TRIGGER INVERETER
Rev 1
74AHCT1G14 DIODES-74AHCT1G14 Datasheet
180Kb / 8P
SINGLE SCHMITT-TRIGGER INVERETER
Rev 1
74LVC1G14_1107 DIODES-74LVC1G14_1107 Datasheet
300Kb / 13P
SINGLE SCHMITT-TRIGGER INVERETER
Rev 3
74AUP1G14 DIODES-74AUP1G14 Datasheet
191Kb / 11P
SINGLE SCHMITT-TRIGGER INVERETER
Rev 1
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
SINGLE SCHMITT-TRIGGER INVERTER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com