Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G97DW Datasheet (PDF) - Diodes Incorporated

74LVC1G97DW Datasheet PDF - Diodes Incorporated
Part # 74LVC1G97DW
Download  74LVC1G97DW Download
File Size   292.3 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description CONFIGURABLE MULTIPLE-FUNCTION GATE

74LVC1G97DW Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G97DW Datasheet PDF - Diodes Incorporated

Part # 74LVC1G97DW
Download  74LVC1G97DW Click to download

File Size   292.3 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description CONFIGURABLE MULTIPLE-FUNCTION GATE

74LVC1G97DW Datasheet (HTML) - Diodes Incorporated


74LVC1G97DW Product details

Description

The 74LVC1G97 is a single 3-input positive configurable multiple function gate with a standard push-pull output. The output state is determined by eight patterns of 3-bit input. The user can chose the logic functions MUX, AND, OR, NAND, NOR, inverter or non-inverting buffer. All inputs can be connected to ground or Vcc as required. The device is designed for operation with a power supply range of 1.65V to 5.5V. The inputs are tolerant to 5.5V allowing this device to be used in a mixed voltage environment. The device is fully specified for partial power down applications using IOFF. The IOFF circuitry disables the output preventing damaging current backflow when the device is powered down. The user is reminded that the device can simulate several types of logic gates but may respond differently due to the Schmitt action at the inputs.



Features

• Wide Supply Voltage Range from 1.65V to 5.5V

• ± 24mA Output Drive at 3.3V

• CMOS low power consumption

• IOFF Supports Partial-Power-Down Mode Operation

• Inputs accept up to 5.5V

• ESD Protection Exceeds JESD 22

   o 200-V Machine Model (A115-A)

   o 2000-V Human Body Model (A114-A)

• Latch-Up Exceeds 100mA per JESD 78, Class II

• Range of Package Options

• SOT26, SOT363, DFN1410, and DFN1010: Available in “Green” Molding Compound (no Br, Sb)

• Lead Free Finish/ RoHS Compliant (Note 1)



Applications

• Voltage Level Shifting

• General Purpose Logic

• Power Down Signal Isolation

• Wide array of products such as:

   o PCs, networking, notebooks, netbooks, PDAs

   o Computer peripherals, hard drives, CD/DVD ROM

   o TV, DVD, DVR, set top box

   o Cell Phones, Personal Navigation / GPS

   o MP3 players ,Cameras, Video Recorders



 




Similar Part No. - 74LVC1G97DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G97DW DIODES-74LVC1G97DW Datasheet
356Kb / 14P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
74LVC1G97DW-7 DIODES-74LVC1G97DW-7 Datasheet
356Kb / 14P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
More results


Similar Description - 74LVC1G97DW

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G57_1107 DIODES-74LVC1G57_1107 Datasheet
341Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 1
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com