Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH2984 Datasheet (PDF) - Diodes Incorporated

AH2984 Datasheet PDF - Diodes Incorporated
Part # AH2984
Download  AH2984 Download
File Size   198.88 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description TWO PHASE HALL-EFFECT SMART FAN MOTOR CONTROLLER

AH2984 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH2984 Datasheet PDF - Diodes Incorporated

Part # AH2984
Download  AH2984 Click to download

File Size   198.88 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description TWO PHASE HALL-EFFECT SMART FAN MOTOR CONTROLLER

AH2984 Datasheet (HTML) - Diodes Incorporated


AH2984 Product details

Description
The AH2984 is a single-chip solution for driving two-coil brushless direct current (BLDC) fans and motors. The device includes a Halleffect sensor, dynamic offset correction and two complementary open-drain output drivers with internal Zener diode protection. It is optimized for low start-up voltage. To help protect the motor coils, the AH2984 provides Rotor Lock Protection which shuts down output drives if rotor lock is detected. The device automatically re-starts when the rotor lock is removed. Over temperature shutdown provides thermal protection for the device.
The AH2984 is available in SIP4 and SOT89-5 packages.

Features
• Single-chip solution
• Operating Voltage: 2.5V to 15V
• Built-in Hall sensor and input amplifier
• Rotor Lock Protection (Lock detection, output shutdown and automatic re-start)
• Built-in reverse voltage protection diode
• Built-in Zener protection for output drivers
• Average output current up to 500mA
• Packages: SIP-4 and SOT89-5
• “Green” Molding Compound
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)

Applications
• Two-coil BLDC Cooling Fans
• Low Voltage/ Low Power BLDC Motors




Similar Part No. - AH2984

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH2984 DIODES-AH2984 Datasheet
353Kb / 10P
TWO PHASE HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev erse
AH2984-PG-B DIODES-AH2984-PG-B Datasheet
353Kb / 10P
TWO PHASE HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev erse
AH2984-YG-13 DIODES-AH2984-YG-13 Datasheet
353Kb / 10P
TWO PHASE HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev erse
AH2984 DIODES-AH2984_13 Datasheet
353Kb / 10P
TWO PHASE HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev erse
More results


Similar Description - AH2984

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH281 ANACHIP-AH281 Datasheet
147Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.7 Apr 16, 2004
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.4 Apr 16, 2004
AH283 ANACHIP-AH283 Datasheet
151Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.7 Apr 16, 2004
AH285 ANACHIP-AH285 Datasheet
201Kb / 9P
Hall-Effect Smart Fan Motor Controller
Rev. 1.0 Sep 29, 2005
logo
Diodes Incorporated
AH284 DIODES-AH284 Datasheet
236Kb / 9P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH285 DIODES-AH285 Datasheet
215Kb / 8P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
AH286 DIODES-AH286 Datasheet
186Kb / 10P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
logo
Anachip Corp
AH284 ANACHIP-AH284 Datasheet
183Kb / 6P
Hall-Effect Smart Fan Motor Controller
Rev. 0.2 Jan 19, 2005
logo
Diodes Incorporated
AH2985 DIODES-AH2985 Datasheet
455Kb / 8P
TWO PHASE HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev erse
AH2984 DIODES-AH2984_13 Datasheet
353Kb / 10P
TWO PHASE HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev erse
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com