Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2182A Datasheet (PDF) - Diodes Incorporated

AP2182A Datasheet PDF - Diodes Incorporated
Part # AP2182A
Download  AP2182A Download
File Size   772.61 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE

AP2182A Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2182A Datasheet PDF - Diodes Incorporated

Part # AP2182A
Download  AP2182A Click to download

File Size   772.61 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE

AP2182A Datasheet (HTML) - Diodes Incorporated


AP2182A Product details

Description
The AP2182A and AP2192A are dual channel current-limited integrated high-side power switches optimized for Universal Serial Bus (USB) and other hot-swap applications. The family of devices complies with USB standards and available with both polarities of Enable input.

Features
• Dual Channel Current-Limited Power Switch with Output Discharge
• Fast Short-Circuit Response Time: 2µs
• 2.0A Accurate Current Limiting
• Reverse Current Blocking
• 85mΩ On-Resistance
• Input Voltage Range: 2.7V - 5.5V
• Built-In Soft-Start with 0.6ms Typical Rise Time
• Short Circuit and Thermal Protection
• Fault Report (FLG) with Blanking Time (7ms typ)
• ESD protection: 2kV HBM, 300V MM
• Active High (AP2192A) or Active Low (AP2182A) Enable
• Ambient Temperature Range: -40°C to +85°C
• SO-8, MSOP-8EP and DFN3030E-8 (Exposed Pad): Available in “Green” Molding Compound (No Br, Sb)
    ◾ Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
    ◾ Halogen and Antimony Free. “Green” Device (Note 3)
• UL Recognized, File Number E322375
• IEC60950-1 CB Scheme Certified

Applications
• LCD TVs & Monitors
• Set-Top-Boxes, Residential Gateways
• Laptops, Desktops, Servers,
• Printers, Docking Stations, HUBs




Similar Part No. - AP2182A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2182 DIODES-AP2182 Datasheet
488Kb / 17P
1.5A DUAL CHANNEL CURRENT-LIMITED POWER
AP2192 Rev. 6
AP2182_1007 DIODES-AP2182_1007 Datasheet
488Kb / 17P
1.5A DUAL CHANNEL CURRENT-LIMITED POWER
AP2192 Rev. 6
More results


Similar Description - AP2182A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2186 DIODES-AP2186 Datasheet
524Kb / 17P
1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2186/AP2196 Rev 1
AP2141D DIODES-AP2141D Datasheet
565Kb / 18P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32242 Rev. 1 - 2
AP2161D DIODES-AP2161D Datasheet
543Kb / 18P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32250 Rev. 1 - 2
AP2181D DIODES-AP2181D Datasheet
468Kb / 18P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32251 Rev. 1 - 2
AP2142A DIODES-AP2142A Datasheet
778Kb / 17P
0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32191 Rev. 2 - 2
AP2145 DIODES-AP2145_10 Datasheet
405Kb / 13P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32031 Rev. 2 - 2
AP2162A DIODES-AP2162A Datasheet
762Kb / 17P
1.0A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32192 Rev. 2 - 2
AP2192MPG-13 DIODES-AP2192MPG-13 Datasheet
581Kb / 17P
1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
logo
Monolithic Power System...
MP62170-1 MPS-MP62170-1 Datasheet
382Kb / 12P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch with Output Discharge
logo
Diodes Incorporated
AP2171DM8G-13 DIODES-AP2171DM8G-13 Datasheet
602Kb / 19P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
Rev erse
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com