Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA7058R Datasheet (PDF) - Sanyo Semicon Device

LA7058R Datasheet PDF - Sanyo Semicon Device
Part # LA7058R
Download  LA7058R Download
File Size   64.24 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Video, Audio Signal Processor for UHF Band RF Modulator Use?

LA7058R Datasheet (PDF)

Go To PDF Page Download Datasheet
LA7058R Datasheet PDF - Sanyo Semicon Device

Part # LA7058R
Download  LA7058R Click to download

File Size   64.24 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Video, Audio Signal Processor for UHF Band RF Modulator Use?

LA7058R Datasheet (HTML) - Sanyo Semicon Device


LA7058R Product details

Overview
The LA7058R, being a video/audio signal processor IC for UHF band RF modulator use, is suited for RF modulators that require no TSG (test signal generator). The LA7058R contains a video clamp circuit, a white clip circuit, and an audio FM modulator. The characteristics of the LA7058R are highly stable to supply voltage variations because of the on-chip voltage regulator.

Features
• Capable of being operated from low supply voltage (VCC=5V).
• Highly stable to supply voltage variations because of on chip voltage regulator.
• Excellent frequency characteristic of white clip.
• Large amplitude of audio carrier and less high-frequency spurious radiation.
• Low audio distortion.
• Low current drain : –30% (compared with our similar ICs).
• Minimum number of external parts required.
• Small-sized package : 9Z-pin SIP.

Functions
• Audio FM modulator.
• Sync pulse peak clamp.
• White clip.
• Voltage regulator.




Similar Part No. - LA7058R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7051 SANYO-LA7051 Datasheet
49Kb / 3P
Video, Audio Signal Processor for UHF Band RF Modulator
LA7053 SANYO-LA7053 Datasheet
66Kb / 3P
Video, Audio Signal Processor for UHF Band RF Modulators
LA7054 SANYO-LA7054 Datasheet
52Kb / 3P
Video, Audio Signal Processor for UHF Band RF Modulator
LA7054Z SANYO-LA7054Z Datasheet
70Kb / 3P
Video, Audio Signal Processor for UHF Band RF Modulator Use
More results


Similar Description - LA7058R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7051 SANYO-LA7051 Datasheet
49Kb / 3P
Video, Audio Signal Processor for UHF Band RF Modulator
LA7053 SANYO-LA7053 Datasheet
66Kb / 3P
Video, Audio Signal Processor for UHF Band RF Modulators
LA7054 SANYO-LA7054 Datasheet
52Kb / 3P
Video, Audio Signal Processor for UHF Band RF Modulator
LA7054Z SANYO-LA7054Z Datasheet
70Kb / 3P
Video, Audio Signal Processor for UHF Band RF Modulator Use
LA7170M SANYO-LA7170M Datasheet
110Kb / 8P
RF Modulator for UHF Band (Supports SECAM)
LA7172M SANYO-LA7172M Datasheet
68Kb / 3P
UHF Band RF Modulator
logo
Sony Corporation
CXA1733M SONY-CXA1733M Datasheet
337Kb / 16P
UHF-BAND RF MODULATOR FOR VCR
CXA1733N SONY-CXA1733N Datasheet
339Kb / 16P
UHF-BAND RF MODULATOR FOR VCR
CXA3219M SONY-CXA3219M Datasheet
205Kb / 15P
UHF-Band RF Modulator for VCR
logo
New Japan Radio
NJM2259 NJRC-NJM2259 Datasheet
129Kb / 7P
RF Modulator for UHF Band
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com