Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX808A Datasheet (PDF) - CML Microcircuits

CMX808A Datasheet PDF - CML Microcircuits
Part # CMX808A
Download  CMX808A Download
File Size   534.1 Kbytes
Page   23 Pages
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits
Description Family Radio CTCSS ?쁔ype 2??Encoder and Decoder

CMX808A Datasheet (PDF)

Go To PDF Page Download Datasheet
CMX808A Datasheet PDF - CML Microcircuits

Part # CMX808A
Download  CMX808A Click to download

File Size   534.1 Kbytes
Page   23 Pages
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits
Description Family Radio CTCSS ?쁔ype 2??Encoder and Decoder

CMX808A Datasheet (HTML) - CML Microcircuits


CMX808A Product details

Brief Description
This device is a unique product for the designer of family radio transceivers. Offering leading edge performance while also being highly cost effective. The device is simple to interface to a host of µControllers via the serial programming interface. A full range of 48 tones can be generated and detected by the device. The decode time has been vastly improved from that offered by other solutions. Fast response and deresponse gives the user of a family radio transceiver faster switching times and a reduction in the annoying squelch tail often found in CTCSS based systems. The device has very low power consumption operating at a minimum of 3.0V.

Features
 •  Unique CTCSS ‘Type 2’ Operation
 •  Fast Decode on all Tones (140ms)
 •  Tones from 60Hz to 251Hz
 •  Tone Cloning
 •  Low Power Operation (1.3mA at 3.0V)
 •  High Performance Encode/Decode
 •  Flexible Multiple Decode Options
 •  Sub-Audio Tone Rejection Filter
 •  48 Programmable CTCSS Tones
 •  Compact 20-pin TSSOP Package

Applications
 •  Family Radio Service (FRS) Handportables
 •  Amateur Radio Equipment
 •  General Mobile Radio Service (GMRS)
 •  Short Range Business Radio




Similar Part No. - CMX808A

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX813 CMLMICRO-CMX813 Datasheet
26Kb / 2P
The Product Data Amendment series of documents
CMX823 CMLMICRO-CMX823 Datasheet
48Kb / 3P
The Product Data Amendment series of documents
CMX8341 CMLMICRO-CMX8341 Datasheet
2Mb / 70P
RALCWI Vocoder
CMX838 CMLMICRO-CMX838 Datasheet
30Kb / 2P
The Product Data Amendment series of documents
CMX850 CMLMICRO-CMX850 Datasheet
113Kb / 1P
The Product Data Amendment series of documents
More results


Similar Description - CMX808A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX325 ETC-MX325 Datasheet
314Kb / 7P
CTCSS ENCODER / DECODER
SD7017 ETC1-SD7017 Datasheet
1Mb / 7P
2-STATE ENCODER / DECODER
logo
LANSDALE Semiconductor ...
ML145026 LANSDALE-ML145026 Datasheet
1Mb / 19P
Encoder and Decoder Pairs
logo
rfsolutions.ltd
RF800 RFSOLUTIONS-RF800 Datasheet
347Kb / 9P
Radio Encoder / Decoder IC?셲
logo
CML Microcircuits
DB1065 CMLMICRO-DB1065 Datasheet
552Kb / 23P
CTCSS Encoder / Decoder Development Kit
FX335 CMLMICRO-FX335 Datasheet
380Kb / 8P
CTCSS ENCODER / DECODER
FX365 CMLMICRO-FX365 Datasheet
292Kb / 8P
COMPATIBLE CTCSS ENCODER / DECODER
MX325 CMLMICRO-MX325 Datasheet
320Kb / 7P
CTCSS ENCODER / DECODER
MX335 CMLMICRO-MX335 Datasheet
440Kb / 9P
CTCSS ENCODER / DECODER
logo
Freescale Semiconductor...
MC145027DWR2 FREESCALE-MC145027DWR2 Datasheet
157Kb / 20P
 Encoder and Decoder Pairs
More results




About CML Microcircuits


CML Microcircuits is a semiconductor company based in the United Kingdom that specializes in the design and manufacture of high-performance analog, mixed-signal, and radio frequency (RF) integrated circuits (ICs). The company was founded in 1968 and has since become a leading provider of ICs for the communications, industrial, and professional markets.

CML Microcircuits' products are used in a wide range of applications, including wireless communication systems, industrial automation, and test and measurement equipment. The company's ICs are known for their high quality, reliability, and performance, and are used by customers around the world.

CML Microcircuits has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the UK, USA, Singapore, and China, and serves customers in more than 50 countries worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com