Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7332 Datasheet (PDF) - Diodes Incorporated

AP7332 Datasheet PDF - Diodes Incorporated
Part # AP7332
Download  AP7332 Download
File Size   294.23 Kbytes
Page   18 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT

AP7332 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP7332 Datasheet PDF - Diodes Incorporated

Part # AP7332
Download  AP7332 Click to download

File Size   294.23 Kbytes
Page   18 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT

AP7332 Datasheet (HTML) - Diodes Incorporated


AP7332 Product details

Description

The AP7332 is 300mA, dual fixed output voltage, low dropout linear regulator. The AP7332 includes the pass element, error amplifier, band-gap, current limit and thermal shutdown circuitry which protect the IC from damage in fault conditions. The AP7332 has two enable pins (EN1 and EN2) to

independently turn the respective channel on when a logic high level is applied.



Features

•  300mA Low Dropout Regulator with EN

•  Very low IQ: 60µA

•  Wide input voltage range: 2V to 6V

•  Fixed output options: 1.0V to 3.3V

•  High PSRR: 65dB at 1kHz

•  Fast start-up time: 60µs

•  Stable with low ESR, 1µF ceramic output capacitor

•  Excellent Load/Line Transient Response

•  Low dropout: 300mV at 300mA

•  Current limit protection

•  Short circuit protection

•  Thermal shutdown protection

•  Ambient temperature range: -40ºC to 85°C

•  SOT26 and DFN2018-6: Available in “Green” Molding Compound (No Br, Sb)

•  Lead Free Finish/RoHS Compliant



Applications

• Cellular Phones

•  Smart Phones, PDAs

• MP3/MP4

•  Bluetooth head set

•  Low power application




Similar Part No. - AP7332

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7332-1010FM-7 DIODES-AP7332-1010FM-7 Datasheet
298Kb / 18P
DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
AP7332-1010W6-7 DIODES-AP7332-1010W6-7 Datasheet
298Kb / 18P
DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
AP7332-1033FM-7 DIODES-AP7332-1033FM-7 Datasheet
298Kb / 18P
DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
AP7332-1033W6-7 DIODES-AP7332-1033W6-7 Datasheet
298Kb / 18P
DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
AP7332-1218FM-7 DIODES-AP7332-1218FM-7 Datasheet
298Kb / 18P
DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
More results


Similar Description - AP7332

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP133 DIODES-AP133 Datasheet
970Kb / 14P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 2
AP7335 DIODES-AP7335 Datasheet
237Kb / 18P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32259 Rev. 1 - 2
AP7331 DIODES-AP7331 Datasheet
372Kb / 13P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT
DS31914 Rev. 3 - 2
AP7333 DIODES-AP7333 Datasheet
358Kb / 12P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7333 Rev. 2
AP133 DIODES-AP133_09 Datasheet
415Kb / 15P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT
AP133 Rev. 6
AP7335_1009 DIODES-AP7335_1009 Datasheet
238Kb / 17P
300mA, Low Quiescent Current, Fast Transient
DS32259 Rev. 2 - 2
AP7335A DIODES-AP7335A Datasheet
273Kb / 12P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 2
AP7331-28WG-7 DIODES-AP7331-28WG-7 Datasheet
372Kb / 13P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
AP7332-1218FM-7 DIODES-AP7332-1218FM-7 Datasheet
298Kb / 18P
DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
AP7333 DIODES-AP7333 Datasheet
358Kb / 12P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com