Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7361 Datasheet (PDF) - Diodes Incorporated

AP7361 Datasheet PDF - Diodes Incorporated
Part # AP7361
Download  AP7361 Download
File Size   326.32 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE

AP7361 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP7361 Datasheet PDF - Diodes Incorporated

Part # AP7361
Download  AP7361 Click to download

File Size   326.32 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE

AP7361 Datasheet (HTML) - Diodes Incorporated


AP7361 Product details

Description
The AP7361 is a 1A, adjustable and fixed output voltage, ultra-low dropout linear regulator with enable. The device includes pass element, error amplifier, band-gap reference, current limit and thermal shutdown circuitry. The device is turned on when the EN pin is set to logic high level.

Features
◆ Wide input voltage range: 2.2V - 6V
◆ 150mV Very Low Dropout at 300mA Load
◆ 500mV Very Low Dropout at 1A Load
◆ Low Quiescent Current (IQ): 70µA Typical
◆ Adjustable Output Voltage Range: 1V to 5.0V
◆ Fixed Output Options: 1V to 3.3V
◆ Very-Fast Transient Response
◆ High PSRR
◆ Accurate Voltage Regulation
◆ Current Limiting and Short Circuit Protection
◆ Thermal Shutdown Protection
◆ Stable with Ceramic Output Capacitor  2.2µF
◆ Ambient Temperature Range -40°C to +85°C
◆ U-DFN3030-8, SOT89-5, SOT223/SOT223R, TO252/TO252R and SO-8EP
◆ Available in “Green” Molding Compound (No Br, Sb)
◆ Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
◆ Halogen and Antimony Free. “Green” Device (Note 3)

Applications
◆ Servers and Laptops
◆ FPGA and DSP Core or I/O Power
◆ TV, and Home Electrical Appliances
◆ Battery-Powered Devices




Similar Part No. - AP7361

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7361-10 DIODES-AP7361-10 Datasheet
897Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 11
AP7361-10D DIODES-AP7361-10D Datasheet
531Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 9
AP7361-12 DIODES-AP7361-12 Datasheet
897Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 11
AP7361-15 DIODES-AP7361-15 Datasheet
897Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 11
AP7361-18 DIODES-AP7361-18 Datasheet
897Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 11
More results


Similar Description - AP7361

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP7361-10D DIODES-AP7361-10D Datasheet
531Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 9
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP7361C DIODES-AP7361C Datasheet
1Mb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 2
AP7361 DIODES-AP7361_17 Datasheet
897Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 11
AP7361EA DIODES-AP7361EA Datasheet
2Mb / 24P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev. 2 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com