Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZABG6002 Datasheet (PDF) - Diodes Incorporated

ZABG6002 Datasheet PDF - Diodes Incorporated
Part # ZABG6002
Download  ZABG6002 Download
File Size   155.63 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW POWER 6 STAGE FET LNA AND MIXER BIAS CONTROLLER

ZABG6002 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZABG6002 Datasheet PDF - Diodes Incorporated

Part # ZABG6002
Download  ZABG6002 Click to download

File Size   155.63 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW POWER 6 STAGE FET LNA AND MIXER BIAS CONTROLLER

ZABG6002 Datasheet (HTML) - Diodes Incorporated


ZABG6002 Product details

Summary
The ZABG6002 is a programmable low-power depletion mode FET bias and mixer controller intended primarily for satellite Low Noise Blocks (LNBs). Designed to provide system flexibility the ZABG6002 can be programmed to bias six low noise amplifier (LNA) stages or four LNA and two active mixer stages, allowing the ZABG6002 to be used in several system designs.

Features
• Six-Stage FET Bias Controller, Two Configurable as Mixer Stages
• Operating Range of 3.0V to 8.0V
• Amplifier FET Drain Voltages set at 2.0V, Mixer Drain Voltage set at 0.25V
• Amplifier FET Drain Current Selectable from 0 to 15mA, Mixer Current from 0 to 7.5mA
• Switchable FETs for Power Management
• FET Drain Voltages and currents Held Stable Overtemperature and VCC Variations
• FETs Protected Against Overstress During Powerup and Powerdown.
• Internal negative Supply Generator Allowing Single Supply Operation (Available for External use)
• Low Quiescent Supply Current, 1.6mA Typical
• Low External Component Count

Applications
• Twin LNBs
• Quad LNBs
• US LNBs
• Microwave Links
• PMR and Cellular Telephone Systems




Similar Part No. - ZABG6002

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZABG6003 DIODES-ZABG6003 Datasheet
288Kb / 8P
6 STAGE FET LNA BIAS CONTROLLER
Rev 1
ZABG6003JA16TC DIODES-ZABG6003JA16TC Datasheet
288Kb / 8P
6 STAGE FET LNA BIAS CONTROLLER
Rev 1
ZABG6004 DIODES-ZABG6004 Datasheet
447Kb / 11P
6 STAGE FET LNA BIAS CONTROLLER
Rev 2
ZABG6004JA16TC DIODES-ZABG6004JA16TC Datasheet
447Kb / 11P
6 STAGE FET LNA BIAS CONTROLLER
Rev 2
ZABG6004Q20TC DIODES-ZABG6004Q20TC Datasheet
447Kb / 11P
6 STAGE FET LNA BIAS CONTROLLER
Rev 2
More results


Similar Description - ZABG6002

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZABG4002 DIODES-ZABG4002 Datasheet
90Kb / 7P
LOW POWER 4 STAGE FET LNA BIAS CONTROLLER
DS32047 Rev. 2 - 2
ZNBG3118 DIODES-ZNBG3118 Datasheet
125Kb / 10P
LNA GaAs FET BIAS CONTROLLER WITH POLARIZATION AND BAND SELECT
DS32049 Rev. 1 - 2
ZNBG4003 DIODES-ZNBG4003 Datasheet
172Kb / 7P
4 STAGE FET LNA BIAS CONTROLLER
DS35007 Rev. 1 - 2
ZABG4003 DIODES-ZABG4003 Datasheet
274Kb / 9P
4 STAGE FET LNA BIAS CONTROLLER
Rev 1
ZABG6003 DIODES-ZABG6003 Datasheet
288Kb / 8P
6 STAGE FET LNA BIAS CONTROLLER
Rev 1
ZABG6004 DIODES-ZABG6004 Datasheet
447Kb / 11P
6 STAGE FET LNA BIAS CONTROLLER
Rev 2
ZNBG4008 DIODES-ZNBG4008 Datasheet
505Kb / 7P
4 STAGE FET LNA BIAS CONTROLLER
Rev 1
ZNBG6008 DIODES-ZNBG6008 Datasheet
517Kb / 7P
6 STAGE FET LNA BIAS CONTROLLER
Rev 1
logo
Unisonic Technologies
L8402 UTC-L8402 Datasheet
149Kb / 6P
LOW POWER 4 STAGE FET BIAS CONTROLLER
L8602 UTC-L8602 Datasheet
167Kb / 8P
LOW POWER 6 STAGE FET LNA AND MIXER BIAS CONTROLLER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com