Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA7265W Datasheet (PDF) - Sanyo Semicon Device

LA7265W Datasheet PDF - Sanyo Semicon Device
Part # LA7265W
Download  LA7265W Download
File Size   569.56 Kbytes
Page   23 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Single-Chip Black and White CCD Camera signal Processing IC

LA7265W Datasheet (PDF)

Go To PDF Page Download Datasheet
LA7265W Datasheet PDF - Sanyo Semicon Device

Part # LA7265W
Download  LA7265W Click to download

File Size   569.56 Kbytes
Page   23 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Single-Chip Black and White CCD Camera signal Processing IC

LA7265W Datasheet (HTML) - Sanyo Semicon Device


LA7265W Product details

Overview
The LA7265W is a single-chip IC that provides the signal processing required by black and white CCD cameras. This IC is optimal for surveillance cameras, door intercom cameras, and personal computer input cameras due to its ultraminiature package, low current drain, wide dynamic range, and high AGC gain.

Features
• CCD clamping used to provide a wide dynamic range: The LA7265W can handle a 1.5 Vp-p CCD signal data level.
• Reduced sampling noise provided by a built-in CDS capacitor.
• Variable AGC gain: up to a maximum of 32 dB.
• Backlight correction provided by weighting the iris and AGC levels.
• Three different gamma correction circuits, including Scurve gamma correction
• Knee characteristics are added to the gamma correction to prevent incorrect white rendering in low light situations.
• Automatic aperture adjustment according to the brightness
• Reduced current drain (under 40 mA)
• Ultraminiature package (SQFP48)
• Reduced external component count (50% as compared to the earlier Sanyo LA7261M)
• Reduced number of adjustment points (two points)

Functions
• CCD clamping
• CDS (built-in S/H capacitor)
• IRIS amplifier
• AGC backlight correction
• S-curve gamma correction
• Aperture correction
• Variable setup
• Sync addition
• CCD clipping
• IRIS window
• AGC amplifier
• Gamma correction (0.45, 1.0 and variable)
• 1H interpolation switch
• Aperture low illumination suppression
• Variable W.C.
• 75 Ω drivers




Similar Part No. - LA7265W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA72648M SANYO-LA72648M Datasheet
461Kb / 2P
PAL Hi-Fi Audio Signal Record and Playback Procissing
LA72648M SANYO-LA72648M Datasheet
152Kb / 2P
PAL Hi-Fi Audio Signal Record
LA72648M SANYO-LA72648M Datasheet
152Kb / 2P
PAL Hi-Fi Audio Signal Record and Playback Processing
LA72648M SANYO-LA72648M_06 Datasheet
152Kb / 2P
PAL Hi-Fi Audio Signal Record
LA72648M SANYO-LA72648M_07 Datasheet
152Kb / 2P
PAL Hi-Fi Audio Signal Record and Playback Processing
More results


Similar Description - LA7265W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN2050FB PANASONIC-AN2050FB Datasheet
54Kb / 4P
CCD Monochrome Video Camera Signal Processor IC
logo
Sanyo Semicon Device
LA7668N SANYO-LA7668N Datasheet
177Kb / 11P
Video Signal Auto-White Processing IC
LC99063-LF2 SANYO-LC99063-LF2 Datasheet
121Kb / 8P
CCD Digital Signal Processing IC
logo
Sony Corporation
CXA1310AQ SONY-CXA1310AQ Datasheet
305Kb / 13P
Single Chip Processing for CCD Monochrome Camera
CXA1391Q SONY-CXA1391Q Datasheet
735Kb / 33P
Processing IC for Complementary Color Mosaic CCD Camera
logo
List of Unclassifed Man...
HD49801FB ETC1-HD49801FB Datasheet
185Kb / 43P
Digital Signal Processing IC for CCD Cameras
logo
Sanyo Semicon Device
72720YV SANYO-72720YV Datasheet
222Kb / 14P
Single-Chip RDS Signal-Processing System IC
LC72720YV SANYO-LC72720YV Datasheet
173Kb / 18P
Single-Chip RDS Signal-Processing System IC
LC72722PM SANYO-LC72722PM_12 Datasheet
174Kb / 18P
Single-Chip RDS Signal-Processing System IC
LC72722PMS SANYO-LC72722PMS Datasheet
167Kb / 18P
Single-Chip RDS Signal-Processing System IC
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com