Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA7289 Datasheet (PDF) - Sanyo Semicon Device

LA7289 Datasheet PDF - Sanyo Semicon Device
Part # LA7289
Download  LA7289 Download
File Size   210.66 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description VCR Audio Signal Record and Playback Processor

LA7289 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA7289 Datasheet PDF - Sanyo Semicon Device

Part # LA7289
Download  LA7289 Click to download

File Size   210.66 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description VCR Audio Signal Record and Playback Processor

LA7289 Datasheet (HTML) - Sanyo Semicon Device


LA7289 Product details

Overview
The LA7289 includes on chip all functions required for the record and playback of VCR audio signals and achieves complete adjustment-free operation by the adoption of an automatic record bias current adjustment circuit. In addition, the inclusion of a switching circuit for switching between tuner and line input in addition to the circuits provided by earlier ICs makes the LA7289 truly optimal for audio VCR products.

Features
• Adjustment-free record bias current (automatic adjustment circuit adopted)
• Built-in record bias oscillator circuit power supply switch
• Record equalizer choke coil no longer required
• Playback amplifier input noise voltage: 1.0 µV rms
• Value of the ALC detector capacitor reduced (to 3.3 µF)
• Built-in high-voltage head switching circuit
• Supply voltage: supports both 9 and 12-V operation
• Built-in input switching circuit (for the line and tuner inputs)

Functions
• Equalizer amplifier
• Ripple filter
• Record/playback switching circuit
• Muting
• SP/LP/EP switching circuit
• Record amplifier
• ALC
• Tape head switching circuit
• Automatic record bias adjustment circuit
• Input switching circuit (line/tuner)




Similar Part No. - LA7289

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7282 SANYO-LA7282 Datasheet
153Kb / 7P
VCR Audio Signal Recording / Playback Processor
LA7282M SANYO-LA7282M Datasheet
153Kb / 7P
VCR Audio Signal Recording / Playback Processor
LA7285 SANYO-LA7285 Datasheet
112Kb / 7P
VCR Audio Signal Recording and Playback Processor
LA7285M SANYO-LA7285M Datasheet
112Kb / 7P
VCR Audio Signal Recording and Playback Processor
LA7286 SANYO-LA7286 Datasheet
213Kb / 10P
VCR Audio Signal Recording and Playback Processor?
More results


Similar Description - LA7289

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV5722A STMICROELECTRONICS-STV5722A Datasheet
87Kb / 5P
2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
Jul-1994
STV5726A STMICROELECTRONICS-STV5726A Datasheet
68Kb / 6P
2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
Feb-1997
logo
Sanyo Semicon Device
LA7256 SANYO-LA7256 Datasheet
168Kb / 9P
high-Fidelity Audio Signal Record/Playback Processing Circuit for VCR Products
LA7282 SANYO-LA7282 Datasheet
153Kb / 7P
VCR Audio Signal Recording / Playback Processor
LA7285 SANYO-LA7285 Datasheet
112Kb / 7P
VCR Audio Signal Recording and Playback Processor
LA7286 SANYO-LA7286 Datasheet
213Kb / 10P
VCR Audio Signal Recording and Playback Processor?
LA7415 SANYO-LA7415 Datasheet
200Kb / 12P
VHS VCR Playback Head and Record Amplifiers
LA72648M SANYO-LA72648M Datasheet
461Kb / 2P
PAL Hi-Fi Audio Signal Record and Playback Procissing
LA72648M SANYO-LA72648M_07 Datasheet
152Kb / 2P
PAL Hi-Fi Audio Signal Record and Playback Processing
logo
STMicroelectronics
STV5727 STMICROELECTRONICS-STV5727 Datasheet
363Kb / 7P
2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
Sep-1996
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com