Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX631DW Datasheet (PDF) - CML Microcircuits

FX631DW Datasheet PDF - CML Microcircuits
Part # FX631DW
Download  FX631DW Download
File Size   156.55 Kbytes
Page   9 Pages
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits
Description Low-Voltage SPM Detector

FX631DW Datasheet (PDF)

Go To PDF Page Download Datasheet
FX631DW Datasheet PDF - CML Microcircuits

Part # FX631DW
Download  FX631DW Click to download

File Size   156.55 Kbytes
Page   9 Pages
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits
Description Low-Voltage SPM Detector

FX631DW Datasheet (HTML) - CML Microcircuits


FX631DW Product details

Brief Description

The FX631 is a low-power, system-selectable Subscriber Pulse Metering (SPM) detector to indicate the presence, on a telephone line, of both 12kHz and 16kHz telephone call-charge frequencies.



Features

Detects 12kHz and 16kHz SPM Frequencies

Low Power (3.0 VoltMIN <1.0mA) Operation

High Speechband Rejection Properties

Tone-Follower and Packet Mode Outputs



Applications

Complex and/or Simple Telephone Systems

Call-Charge/-Logging Systems



 




Similar Part No. - FX631DW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
Call Progress Tone Detector
logo
CML Microcircuits
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
Call Progress Tone Detector
logo
List of Unclassifed Man...
FX633D4 ETC-FX633D4 Datasheet
331Kb / 12P
Call Progress Tone Detector
logo
CML Microcircuits
FX633D4 CMLMICRO-FX633D4 Datasheet
299Kb / 13P
Call Progress Tone Detector
logo
List of Unclassifed Man...
FX633P1 ETC-FX633P1 Datasheet
331Kb / 12P
Call Progress Tone Detector
More results


Similar Description - FX631DW

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3111X091A RICOH-R3111X091A Datasheet
205Kb / 20P
LOW VOLTAGE DETECTOR
Rev.1.10
R5VT09A RICOH-R5VT09A Datasheet
324Kb / 31P
LOW VOLTAGE DETECTOR?
RN5VS RICOH-RN5VS Datasheet
202Kb / 30P
LOW VOLTAGE DETECTOR
R3111XXX1A RICOH-R3111XXX1A Datasheet
205Kb / 20P
LOW VOLTAGE DETECTOR
Rev.1.10
RX5VT RICOH-RX5VT Datasheet
324Kb / 31P
LOW VOLTAGE DETECTOR
R3111X RICOH-R3111X Datasheet
1Mb / 44P
LOW VOLTAGE DETECTOR
R3113D RICOH-R3113D Datasheet
314Kb / 18P
LOW VOLTAGE DETECTOR
logo
CML Microcircuits
MX631 CMLMICRO-MX631 Datasheet
141Kb / 9P
LOW VOLTAGE SPM DETECTOR
MX641 CMLMICRO-MX641 Datasheet
201Kb / 17P
Dual SPM Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
Low Power Voltage Detector
More results




About CML Microcircuits


CML Microcircuits is a semiconductor company based in the United Kingdom that specializes in the design and manufacture of high-performance analog, mixed-signal, and radio frequency (RF) integrated circuits (ICs). The company was founded in 1968 and has since become a leading provider of ICs for the communications, industrial, and professional markets.

CML Microcircuits' products are used in a wide range of applications, including wireless communication systems, industrial automation, and test and measurement equipment. The company's ICs are known for their high quality, reliability, and performance, and are used by customers around the world.

CML Microcircuits has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the UK, USA, Singapore, and China, and serves customers in more than 50 countries worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com