Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA7386 Datasheet (PDF) - Sanyo Semicon Device

LA7386 Datasheet PDF - Sanyo Semicon Device
Part # LA7386
Download  LA7386 Download
File Size   157.11 Kbytes
Page   13 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description NTSC Video Signal Processing LSI for VCRs

LA7386 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA7386 Datasheet PDF - Sanyo Semicon Device

Part # LA7386
Download  LA7386 Click to download

File Size   157.11 Kbytes
Page   13 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description NTSC Video Signal Processing LSI for VCRs

LA7386 Datasheet (HTML) - Sanyo Semicon Device


LA7386 Product details

Overview
The LA7386 combines luminance signal processing functions and color signal processing functions for NTSC VCRs on a single chip. Developed as a new-generation LSI for use in VCRs which offer increasingly higher image quality, the LA7383 offers all of the functions needed in order to realize improved picture quality in a dramatically compact 36-pin package, making this device suitable for a wide range of VCRs, from popularly priced models to high-end models.

Features
• Includes all functions required for video signal processing in an NTSC VCR.
• Supports full HQ functions.
    YNR on chip (standard).
    CNR on chip (external components can be removed for passthrough operation).
    Detail enhancer on chip.
    Higher white clipping level (190%).
• In addition to the above, also provides the following functions for excellent image quality: Edge compensation.
    Double high-pass noise canceller → permits wide-band noise reduction.
    Linear phase-type image quality adjustment → ideal image quality adjustment method, with no waveform distortion.
• By adopting the 1CCD method, one comb filter (glass) has become unnecessary.
    Has a single 1H-delay CCD and a comb Y/C separation/YNR chroma crosstalk canceller function on chip.
• Automatic adjustment filter on chip.
    Y: LPF
    C: 3.58 MHz BPF, 4.21 MHz BPF, LPF (REC)
• No adjustment required for white and dark clipping levels.
• Extremely few peripheral components (about 60 components, excluding peripheral components for the CCD).
• fsc output can be used as clock for OSD IC.
    Crystal oscillator for the on-screen display circuit is not required.
• DCC circuit on chip.
    Suppresses flicker at top of screen and reduces AM noise.
• High-speed AFC circuit.
    Prevents color alteration and loss at top of screen when dubbing.
• Head switching noise reduction circuit on chip.
• Smallest package in the industry.
• Few components needed.




Similar Part No. - LA7386

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7383 SANYO-LA7383 Datasheet
389Kb / 13P
NTSC Video Signal Processing LSI for VCRs
More results


Similar Description - LA7386

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1830 NEC-UPC1830 Datasheet
338Kb / 44P
FILTER-CONTAINING VIDEO CHROMA, SYNCHRONIZING SIGNAL PROCESSING LSI COMPATIBLE WITH NTSC/PAL SYSTEM
logo
Panasonic Semiconductor
AN2492FH PANASONIC-AN2492FH Datasheet
236Kb / 23P
Luminance and chrominance signal processing circuit for 8 mm video (NTSC)
AN5367FB PANASONIC-AN5367FB Datasheet
249Kb / 22P
NTSC video, chroma, and deflection signal processing circuit
AN5601K PANASONIC-AN5601K Datasheet
314Kb / 10P
COLOR SIGNAL, VIDEO SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING IC FOR PAL/NTSC TV
MN662724RPE PANASONIC-MN662724RPE Datasheet
42Kb / 7P
Signal Processing LSI for CD Players
MN662741RH PANASONIC-MN662741RH Datasheet
32Kb / 3P
Signal Processing LSI for CD Players
logo
Sanyo Semicon Device
LA7383 SANYO-LA7383 Datasheet
389Kb / 13P
NTSC Video Signal Processing LSI for VCRs
logo
Samsung semiconductor
S5L9291 SAMSUNG-S5L9291 Datasheet
684Kb / 88P
signal processing LSI for the CD
logo
Panasonic Semiconductor
MN6163A PANASONIC-MN6163A Datasheet
535Kb / 9P
CMOS LSI for Color Signal Processing
MN673273 PANASONIC-MN673273 Datasheet
506Kb / 13P
Signal-Processing LSI for Multimedia Camera
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com