Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP26020DMFTA Datasheet (PDF) - Diodes Incorporated

ZXTP26020DMFTA Datasheet PDF - Diodes Incorporated
Part # ZXTP26020DMFTA
Download  ZXTP26020DMFTA Download
File Size   119.3 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V LOW VCE(SAT ) PNP SURFACE MOUNTED TRANSISTOR

ZXTP26020DMFTA Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP26020DMFTA Datasheet PDF - Diodes Incorporated

Part # ZXTP26020DMFTA
Download  ZXTP26020DMFTA Click to download

File Size   119.3 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V LOW VCE(SAT ) PNP SURFACE MOUNTED TRANSISTOR

ZXTP26020DMFTA Datasheet (HTML) - Diodes Incorporated


ZXTP26020DMFTA Product details

Features
• Epitaxial Planar Die Construction
• Complementary NPN Type Available (ZXTN26020DMF)
• Low Collector-Emitter Saturation Voltage, VCE(SAT)
• High Current Gain (hFE) at High IC
• Surface Mount Package Suited for Automated Assembly
• Ultra-Small Surface Mount Package
• Qualified to AEC-Q101 Standards for High Reliability
• Lead, Halogen and Antimony Free, RoHS Compliant (Note 1)
• “Green” Device (Note 2)
• ESD rating: 400V-MM, 8KV-HBM

Applications
• MOSFET and IGBT gate driving
• DC-DC conversion
• Interface between low voltage IC and Load
• Load disconnect switch




Similar Part No. - ZXTP26020DMFTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP26020DMF DIODES-ZXTP26020DMF Datasheet
259Kb / 2P
Industry smallest 1.5A transistor
JUNE 2010
ZXTP26020DMF DIODES-ZXTP26020DMF_15 Datasheet
119Kb / 6P
20V LOW VCE(SAT ) PNP SURFACE MOUNTED TRANSISTOR
Rev 1
More results


Similar Description - ZXTP26020DMFTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DZT955 DIODES-DZT955 Datasheet
196Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31280 Rev. 2 - 2
DPLS315E DIODES-DPLS315E Datasheet
164Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31325 Rev. 3 - 2
DPLS325E DIODES-DPLS325E Datasheet
162Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31327 Rev. 3 - 2
DSS5240T DIODES-DSS5240T Datasheet
101Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31591 Rev. 2 - 2
DSS5220V DIODES-DSS5220V Datasheet
125Kb / 5P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31660 Rev. 2 - 2
DSS5320T DIODES-DSS5320T Datasheet
127Kb / 5P
20V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DS31620 Rev. 2 - 2
DJT4030P-13 DIODES-DJT4030P-13 Datasheet
112Kb / 5P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Rev 2
DSS5320T DIODES-DSS5320T_15 Datasheet
127Kb / 5P
20V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
Rev 2
ZXTP26020DMF DIODES-ZXTP26020DMF_15 Datasheet
119Kb / 6P
20V LOW VCE(SAT ) PNP SURFACE MOUNTED TRANSISTOR
Rev 1
ZXTP56020FDBQ DIODES-ZXTP56020FDBQ Datasheet
407Kb / 7P
20V DUAL PNP LOW VCE(SAT) TRANSISTOR
Rev 1
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com