Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX465 Datasheet (PDF) - CML Microcircuits

MX465 Datasheet PDF - CML Microcircuits
Part # MX465
Download  MX465 Download
File Size   42.85 Kbytes
Page   1 Pages
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits
Description The Product Data Amendment series of documents

MX465 Datasheet (PDF)

Go To PDF Page Download Datasheet
MX465 Datasheet PDF - CML Microcircuits

Part # MX465
Download  MX465 Click to download

File Size   42.85 Kbytes
Page   1 Pages
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits
Description The Product Data Amendment series of documents

MX465 Datasheet (HTML) - CML Microcircuits


MX465 Product details

The MX465 CTCSS Encoder/Decoder is a low voltage, CMOS device that meets TIA/EIA-603 Standards.

The MX465 will encode and decode the tones 159.8Hz, 183.5Hz, 189.9Hz, 196.6Hz, 199.5Hz, 206.5Hz, 229.1Hz, and 254.1Hz in addition to the 39 standard CTCSS tones, for a total of 47 CTCSS tones + Notone. With the incorporation of the on-chip TX and RX speech filter, the MX465 enhances voice/tone multiplexing by attenuating TX and RX speech 36dB at frequencies below 250Hz while passing signals > 300Hz with only 1dB of ripple. This not only minimizes CTCSS talk-off in the TX mode but also improves Hum and Noise performance in the RX mode.



Features

● Meets TIA/EIA-603 Standards

● 47 CTCSS Tones + Notone

● TX/RX Speech Filters

● Improved Sinad

● Serial or Parallel Programming

● Easy µP Interface

● Scanning on any Channel

● Standard 4MHz Xtal

(See MX165C for 1MHz)



Applications

● Low Voltage 3.3V to 5.0V

● Mobile Radio Channel Sharing

● Scan Trunking

● Wireless Intercom Traffic Control

● Hookswitch Supervision

● Repeater Control



 




Similar Part No. - MX465

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
MX46 SENSATA-MX46 Datasheet
2Mb / 3P
Bottom Mount
logo
Leadshine Technology Co...
MX4660 LEADSHINE-MX4660 Datasheet
1Mb / 20P
4-Axis Stepper Drive with Breakout Board & I/O’s
More results


Similar Description - MX465

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX128 CMLMICRO-FX128 Datasheet
42Kb / 1P
The Product Data Amendment series of documents
CMX661 CMLMICRO-CMX661 Datasheet
27Kb / 1P
The Product Data Amendment series of documents
CMX813 CMLMICRO-CMX813 Datasheet
26Kb / 2P
The Product Data Amendment series of documents
CMX823 CMLMICRO-CMX823 Datasheet
48Kb / 3P
The Product Data Amendment series of documents
CMX865A CMLMICRO-CMX865A Datasheet
112Kb / 1P
The Product Data Amendment series of documents
CMX866 CMLMICRO-CMX866 Datasheet
106Kb / 1P
The Product Data Amendment series of documents
CMX868 CMLMICRO-CMX868 Datasheet
28Kb / 1P
The Product Data Amendment series of documents
CMX868A CMLMICRO-CMX868A Datasheet
108Kb / 1P
The Product Data Amendment series of documents
CMX869A CMLMICRO-CMX869A Datasheet
42Kb / 1P
The Product Data Amendment series of documents
EV8810 CMLMICRO-EV8810 Datasheet
114Kb / 1P
The Product Data Amendment series of documents
More results




About CML Microcircuits


CML Microcircuits is a semiconductor company based in the United Kingdom that specializes in the design and manufacture of high-performance analog, mixed-signal, and radio frequency (RF) integrated circuits (ICs). The company was founded in 1968 and has since become a leading provider of ICs for the communications, industrial, and professional markets.

CML Microcircuits' products are used in a wide range of applications, including wireless communication systems, industrial automation, and test and measurement equipment. The company's ICs are known for their high quality, reliability, and performance, and are used by customers around the world.

CML Microcircuits has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the UK, USA, Singapore, and China, and serves customers in more than 50 countries worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com