Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH1888 Datasheet (PDF) - Diodes Incorporated

AH1888 Datasheet PDF - Diodes Incorporated
Part # AH1888
Download  AH1888 Download
File Size   221.86 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description MICROPOWER, GENERAL-SENSITIVE HALL EFFECT

AH1888 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH1888 Datasheet PDF - Diodes Incorporated

Part # AH1888
Download  AH1888 Click to download

File Size   221.86 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description MICROPOWER, GENERAL-SENSITIVE HALL EFFECT

AH1888 Datasheet (HTML) - Diodes Incorporated


AH1888 Product details

Description
The AH1888 micro power Omni-polar Hall Effect switch IC designed for portable and battery powered equipment such as cellular phones, PDA’ s and portable PC’ s. Based on two sensitive Hall Effect plates and chopper stabilized architecture the AH1888 provides a reliable solution over the whole operating range. To support portable and battery powered equipment the design has been optimized to operate over the supply range of 1.65V to 3.3V and consumes only 12.6uW with a supply of 1.8V.

Features
• Omni-polar (north or south pole) operation
• Single or dual output options
• Internal output pull up capability
• Micropower operation
• 1.65V to 3.3V operating range
• Chopper stabilized design provides
• Superior temperature stability
• Minimal switch point drift
• Enhanced immunity to stress
• Good RF noise immunity
• -40°C to 85°C operating temperature
• ESD (HBM)> 4KV for SOT553
• ESD (HBM)> 5KV for DFN2020-3 and DFN2020R-3
• Package: SOT553, DFN2020-3 and DFN2020R-3
• “Green” Molding Compound

Applications
• Cellular phone
• PDA
• Cordless phone




Similar Part No. - AH1888

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AH1880619 PANASONIC-AH1880619 Datasheet
1Mb / 5P
ULTRA-MINIATURE SWITCHES WITH HIGH PRECISION
AH18809 PANASONIC-AH18809 Datasheet
1Mb / 5P
ULTRA-MINIATURE SWITCHES WITH HIGH PRECISION
AH1882619 PANASONIC-AH1882619 Datasheet
1Mb / 5P
ULTRA-MINIATURE SWITCHES WITH HIGH PRECISION
AH18829 PANASONIC-AH18829 Datasheet
1Mb / 5P
ULTRA-MINIATURE SWITCHES WITH HIGH PRECISION
logo
Diodes Incorporated
AH1883 DIODES-AH1883 Datasheet
96Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
AH1883 Rev. 1
More results


Similar Description - AH1888

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3209 ALLEGRO-3209 Datasheet
224Kb / 12P
MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
logo
Diodes Incorporated
AH1801 DIODES-AH1801 Datasheet
117Kb / 8P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
AH1801 Rev. 4
AH1803 DIODES-AH1803 Datasheet
131Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 1
AH1801 DIODES-AH1801_09 Datasheet
157Kb / 10P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1801 Rev. 7
AH1803 DIODES-AH1803_09 Datasheet
167Kb / 9P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 9
AH1883 DIODES-AH1883_10 Datasheet
182Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31296 Rev. 5 - 2
AH1884 DIODES-AH1884_10 Datasheet
159Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31171 Rev. 6 - 2
AH1885 DIODES-AH1885_10 Datasheet
158Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31235 Rev. 4 - 2
AH1886 DIODES-AH1886 Datasheet
170Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31216 Rev. 4 - 2
AH1887 DIODES-AH1887 Datasheet
179Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31313 Rev. 4 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com