Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA7790M Datasheet (PDF) - Sanyo Semicon Device

LA7790M Datasheet PDF - Sanyo Semicon Device
Part # LA7790M
Download  LA7790M Download
File Size   174.19 Kbytes
Page   14 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description QPSK Transmitter for Cable TV

LA7790M Datasheet (PDF)

Go To PDF Page Download Datasheet
LA7790M Datasheet PDF - Sanyo Semicon Device

Part # LA7790M
Download  LA7790M Click to download

File Size   174.19 Kbytes
Page   14 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description QPSK Transmitter for Cable TV

LA7790M Datasheet (HTML) - Sanyo Semicon Device


LA7790M Product details

Overview
The LA7790M is a QPSK data transmitter for digital cable TV applications. By integrating the I/Q quadrature modulator, RF amplifier, electronic volume control, mute control, and other functions onto a single chip, parts count is reduced and set size is miniaturized.

Features
• Maximum RF amplifier output level of +10 dBm (75Ω terminator), suitable for directly driving the cable.
• RF output frequency range of 5 to 70 MHz. Frequency range selection function permits broadband designs.
• Electronic volume control for direct-current control of RF output level.
• Muting ensures ample attenuation during periods with no transmission.
• Support for both internal and external bias for I/Q modulation inputs.
• Support for I/Q modulation frequencies up to 10 MHz. (typ: 500 mVp-p)

Functions
• I/Q quadrature modulator
• I/Q input bias power supply
• RF amplifier
• Varactor diode-based VCO
• Muting
• Electronic volume control
• Power-saving modes
• Switchable output frequency range
• Power supply voltage of 5 V (4.5 to 5.5 V)




Similar Part No. - LA7790M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7791T SANYO-LA7791T Datasheet
69Kb / 4P
For CATV/Cable Modem Variable Gain Controlled Amplifier
LA7793V SANYO-LA7793V Datasheet
71Kb / 4P
With Driver amplifier for ADC AGC amplifier
LA7795T SANYO-LA7795T Datasheet
184Kb / 8P
AGC Amplifier with Step Gain Control
LA7796T SANYO-LA7796T Datasheet
113Kb / 8P
For Digital CATV/Cable Modem Receiver AGC Amplifier
More results


Similar Description - LA7790M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8050A PHILIPS-TDA8050A Datasheet
125Kb / 28P
QPSK transmitter
1999 Nov 05
TDA8051 PHILIPS-TDA8051 Datasheet
131Kb / 24P
QPSK receiver
1999 Aug 20
logo
Sanyo Semicon Device
LA7780M SANYO-LA7780M Datasheet
242Kb / 9P
QPSK Downconverter for CATV Systems
2SK1739A SANYO-2SK1739A Datasheet
123Kb / 4P
RF POWER MOS FET for UHF TV BROADCAST TRANSMITTER
logo
BOWEI Integrated Circui...
QHP-01 BOWEI-QHP-01 Datasheet
142Kb / 1P
QPSK Modulator
logo
Motorola, Inc
MC145750 MOTOROLA-MC145750 Datasheet
299Kb / 12P
QPSK Encoder
logo
Mini-Circuits
ZMQ-1050 MINI-ZMQ-1050 Datasheet
206Kb / 1P
QPSK Modulator
QMC-1050 MINI-QMC-1050 Datasheet
186Kb / 1P
QPSK Modulator
REV. OR
logo
MOSDESIGN SEMICONDUCTOR...
M3010 MOSDESIGN-M3010 Datasheet
145Kb / 1P
IR TV/VCD TRANSMITTER
2001-10-22
M3014 MOSDESIGN-M3014 Datasheet
79Kb / 9P
IR TV/VCD TRANSMITTER IR CONTROL IC
2004-09-06
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com