Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDB18 Datasheet (PDF) - Bourns Electronic Solutions

PDB18 Datasheet PDF - Bourns Electronic Solutions
Part # PDB18
Download  PDB18 Download
File Size   522.73 Kbytes
Page   5 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 17 mm Rotary Potentiometer

PDB18 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDB18 Datasheet PDF - Bourns Electronic Solutions

Part # PDB18
Download  PDB18 Click to download

File Size   522.73 Kbytes
Page   5 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 17 mm Rotary Potentiometer

PDB18 Datasheet (HTML) - Bourns Electronic Solutions




Similar Part No. - PDB18

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDB18 BOURNS-PDB18 Datasheet
583Kb / 5P
17 mm Rotary Potentiometer
PDB181-A218P-103A1 BOURNS-PDB181-A218P-103A1 Datasheet
583Kb / 5P
17 mm Rotary Potentiometer
PDB181-A220P-103A1 BOURNS-PDB181-A220P-103A1 Datasheet
583Kb / 5P
17 mm Rotary Potentiometer
PDB181-A225P-103A1 BOURNS-PDB181-A225P-103A1 Datasheet
583Kb / 5P
17 mm Rotary Potentiometer
PDB181-A418P-103A1 BOURNS-PDB181-A418P-103A1 Datasheet
583Kb / 5P
17 mm Rotary Potentiometer
More results


Similar Description - PDB18

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDA17 BOURNS-PDA17 Datasheet
266Kb / 3P
17 mm Rotary Potentiometer
PDB24 BOURNS-PDB24 Datasheet
310Kb / 2P
PDB24 Series - 24 mm Rotary Potentiometer
PDB183 BOURNS-PDB183 Datasheet
362Kb / 3P
17 mm Rotary Potentiometer w/Push-Pull Switch
PDB184 BOURNS-PDB184 Datasheet
270Kb / 2P
17 mm Rotary Potentiometer w/Rotary Switch
PDB12 BOURNS-PDB12 Datasheet
220Kb / 2P
12 mm Rotary Potentiometer
PDB18 BOURNS-PDB18_13 Datasheet
583Kb / 5P
17 mm Rotary Potentiometer
logo
Productwell Precision E...
R09A11H21 PRODUCTWELL-R09A11H21_14 Datasheet
334Kb / 2P
ROTARY POTENTIOMETER
R10A1MH01 PRODUCTWELL-R10A1MH01_14 Datasheet
250Kb / 2P
ROTARY POTENTIOMETER
logo
Bourns Electronic Solut...
H-1202 BOURNS-H-1202 Datasheet
341Kb / 2P
17 mm Guitar Potentiometer
PDB08 BOURNS-PDB08 Datasheet
739Kb / 3P
PDB08 - 8 mm Micro Rotary Potentiometer
03/21
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com