Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA7852 Datasheet (PDF) - Sanyo Semicon Device

LA7852 Datasheet PDF - Sanyo Semicon Device
Part # LA7852
Download  LA7852 Download
File Size   82.65 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description CRT Display Synchronization Deflection Circuit

LA7852 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA7852 Datasheet PDF - Sanyo Semicon Device

Part # LA7852
Download  LA7852 Click to download

File Size   82.65 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description CRT Display Synchronization Deflection Circuit

LA7852 Datasheet (HTML) - Sanyo Semicon Device


LA7852 Product details

Overview
The LA7852 is a sync-deflection circuit IC dedicated to CRT display use. It can be connected to the LA7832/7833, 7837/7838 (for vertical output use) to form a sync-deflection circuit that meets every requirement for CRT display use.

Features
• The vertical pull-in range is approximately 10 Hz at fv = 60 Hz.
• The horizontal oscillation frequency can be adjusted stably from 15 kHz to 100 kHz.
• The horizontal display can be shifted right/left.
• The horizontal/vertical sync input can be used intact regardless of the difference in pulse polarity and pulse width.
• The AFC feedback sawtooth wave can be obtained by simply applying a flyback pulse to the IC as a trigger pulse.
• Any duty of the horizontal pulse can be set.
• Good vertical linearity because DC bias at vertical output stage is subjected to sampling control within retrace time.
• Excellent interlace and vertical jitter characteristics on the high-definition display because of independent GND pins for the horizontal block and vertical block.

Built-in Functions
[Horizontal Block]
• AFC
• Horizontal OSC
• X-ray protector
• Horizontal phase shift
• AFC sawtooth wave generator
• Horizontal pulse duty setting

[Vertical Block]
• Vertical OSC
• Vertical sawtooth wave generator
• Sampling type DC voltage control




Similar Part No. - LA7852

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7850 SANYO-LA7850 Datasheet
127Kb / 5P
CRT Display Synchronization Deflection Circuit????
LA7851 SANYO-LA7851 Datasheet
109Kb / 4P
CRT Display Synchronization Deflection Circuit????
LA7853 SANYO-LA7853 Datasheet
101Kb / 4P
CRT Display Synchronization Deflection Circuit
LA7855 SANYO-LA7855 Datasheet
182Kb / 8P
Very High Resolution CRT Display Synchronization
LA7856 SANYO-LA7856 Datasheet
182Kb / 8P
Very High Resolution CRT Display Synchronization
More results


Similar Description - LA7852

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7062 NTE-NTE7062 Datasheet
23Kb / 3P
Integrated Circuit CRT Display Synchronization Deflection Circuit
NTE7063 NTE-NTE7063 Datasheet
25Kb / 3P
Integrated Circuit CRT Display Synchronization Deflection Circuit
NTE7086 NTE-NTE7086 Datasheet
24Kb / 3P
Integrated Circuit Sync Deflection Circuit for CRT Display
logo
Sanyo Semicon Device
LA7823 SANYO-LA7823 Datasheet
130Kb / 3P
Color CRT Display Synchronization, Deflection Circuit?
LA7824 SANYO-LA7824 Datasheet
130Kb / 3P
Color CRT Display Synchronization, Deflection Circuit???
LA7837 SANYO-LA7837 Datasheet
195Kb / 9P
Vertical Deflection Circuit with TV / CRT Display Drive
LA7850 SANYO-LA7850 Datasheet
127Kb / 5P
CRT Display Synchronization Deflection Circuit????
LA7851 SANYO-LA7851 Datasheet
109Kb / 4P
CRT Display Synchronization Deflection Circuit????
LA7853 SANYO-LA7853 Datasheet
101Kb / 4P
CRT Display Synchronization Deflection Circuit
LA7811 SANYO-LA7811 Datasheet
336Kb / 7P
COLOR TV SYNCHRONIZATION DEFLECTION CIRCUIT
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com