Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K60P144M100SF2 Datasheet (PDF) - Freescale Semiconductor, Inc

K60P144M100SF2 Datasheet PDF - Freescale Semiconductor, Inc
Part # K60P144M100SF2
Download  K60P144M100SF2 Download
File Size   1022.63 Kbytes
Page   69 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description K60 Sub-Family Data Sheet

K60P144M100SF2 Datasheet (PDF)

Go To PDF Page Download Datasheet
K60P144M100SF2 Datasheet PDF - Freescale Semiconductor, Inc

Part # K60P144M100SF2
Download  K60P144M100SF2 Click to download

File Size   1022.63 Kbytes
Page   69 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description K60 Sub-Family Data Sheet

K60P144M100SF2 Datasheet (HTML) - Freescale Semiconductor, Inc


K60P144M100SF2 Product details

Features
• Operating Characteristics
    – Voltage range: 1.71 to 3.6 V
    – Flash write voltage range: 1.71 to 3.6 V
    – Temperature range (ambient): -40 to 105°C
• Performance
    – Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
• Memories and memory interfaces
    – Up to 512 KB program flash memory on nonFlexMemory devices
    – Up to 256 KB program flash memory on FlexMemory devices
    – Up to 256 KB FlexNVM on FlexMemory devices
    – 4 KB FlexRAM on FlexMemory devices
    – Up to 128 KB RAM
    – Serial programming interface (EzPort)
    – FlexBus external bus interface
• Clocks
    – 3 to 32 MHz crystal oscillator
    – 32 kHz crystal oscillator
    – Multi-purpose clock generator
• System peripherals
    – 10 low-power modes to provide power optimization based on application requirements
    – Memory protection unit with multi-master protection
    – 16-channel DMA controller, supporting up to 64 request sources
    – External watchdog monitor
    – Software watchdog
    – Low-leakage wakeup unit
• Security and integrity modules
    – Hardware CRC module to support fast cyclic redundancy checks
    – Hardware random-number generator
    – Hardware encryption supporting DES, 3DES, AES, MD5, SHA-1, and SHA-256 algorithms
    – 128-bit unique identification (ID) number per chip
• Human-machine interface
    – Low-power hardware touch sensor interface (TSI)
    – General-purpose input/output
• Analog modules
    – Two 16-bit SAR ADCs
    – Programmable gain amplifier (PGA) (up to x64) integrated into each ADC
    – Two 12-bit DACs
    – Three analog comparators (CMP) containing a 6-bit DAC and programmable reference input
    – Voltage reference
• Timers
    – Programmable delay block
    – Eight-channel motor control/general purpose/PWM timer
    – Two 2-channel quadrature decoder/general purpose timers
    – IEEE 1588 timers
    – Periodic interrupt timers
    – 16-bit low-power timer
    – Carrier modulator transmitter
    – Real-time clock




Similar Part No. - K60P144M100SF2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K60P144M100SF2 FREESCALE-K60P144M100SF2 Datasheet
1Mb / 79P
K60 Sub-Family Data Sheet
K60P144M100SF2V2 FREESCALE-K60P144M100SF2V2 Datasheet
1Mb / 80P
K60 Sub-Family
K60P144M100SF2 FREESCALE-K60P144M100SF2_11 Datasheet
1Mb / 76P
Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K60P144M100SF2_1109 FREESCALE-K60P144M100SF2_1109 Datasheet
1Mb / 79P
K60 Sub-Family Data Sheet
More results


Similar Description - K60P144M100SF2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K60P104M100SF2 FREESCALE-K60P104M100SF2 Datasheet
959Kb / 67P
K60 Sub-Family Data Sheet
K60P144M100SF2_1109 FREESCALE-K60P144M100SF2_1109 Datasheet
1Mb / 79P
K60 Sub-Family Data Sheet
K60P100M100SF2V2 FREESCALE-K60P100M100SF2V2 Datasheet
1Mb / 76P
K60 Sub-Family
K60P121M100SF2V2 FREESCALE-K60P121M100SF2V2 Datasheet
1Mb / 78P
K60 Sub-Family
K60P144M120SF3 FREESCALE-K60P144M120SF3 Datasheet
1Mb / 82P
K60 Sub-Family Data Sheet
K60P144M150SF3 FREESCALE-K60P144M150SF3 Datasheet
1Mb / 82P
K60 Sub-Family Data Sheet
K60P144M120SF3_1210 FREESCALE-K60P144M120SF3_1210 Datasheet
1Mb / 88P
K60 Sub-Family
K60P144M150SF3_1210 FREESCALE-K60P144M150SF3_1210 Datasheet
1Mb / 88P
K60 Sub-Family
logo
NXP Semiconductors
K60P144M120SF3 NXP-K60P144M120SF3 Datasheet
1Mb / 86P
K60 Sub-Family
Rev. 7, 02/2018
K60P144M150SF3 NXP-K60P144M150SF3 Datasheet
1Mb / 86P
K60 Sub-Family
Rev. 7, 02/2018
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com