Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLA5227 Datasheet (PDF) - Sanken electric

SLA5227 Datasheet PDF - Sanken electric
Part # SLA5227
Download  SLA5227 Download
File Size   167.41 Kbytes
Page   8 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Built-in IGBT and diode bridge of partial switching PFC circuit Enable to reduce mounting area

SLA5227 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLA5227 Datasheet PDF - Sanken electric

Part # SLA5227
Download  SLA5227 Click to download

File Size   167.41 Kbytes
Page   8 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Built-in IGBT and diode bridge of partial switching PFC circuit Enable to reduce mounting area

SLA5227 Datasheet (HTML) - Sanken electric


SLA5227 Product details

Features
• Built-in IGBT and diode bridge of partial switching PFC
   circuit Enable to reduce mounting area
• Low saturation voltage IGBT VCE(sat) = 1.7V max
• Low saturation voltage diode bridge VF = 1.1V max
• The clip lead is adopted for inner lead.
   Low inductance, low resistance, high current capability
   The smoke generation and explosion are less likely
   to occur in case of destruction.

Applications
• Partial switching PFC




Similar Part No. - SLA5227

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA5227 SANKEN-SLA5227 Datasheet
167Kb / 8P
Built-in IGBT and diode bridge of partial switching PFC
More results


Similar Description - SLA5227

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA2601M SANKEN-SLA2601M Datasheet
91Kb / 2P
H Bridge, Enable Pin, Built-in Thermal Shutdown Circuit
SLA2602M SANKEN-SLA2602M Datasheet
91Kb / 2P
H Bridge, Enable Pin, Built-in Thermal Shutdown Circuit
SLA5222 SANKEN-SLA5222 Datasheet
519Kb / 10P
For partial switching PFC
SLA5227 SANKEN-SLA5227 Datasheet
167Kb / 8P
Built-in IGBT and diode bridge of partial switching PFC
logo
Renesas Technology Corp
RJP65T54DPM-E0 RENESAS-RJP65T54DPM-E0 Datasheet
268Kb / 8P
Partial switching circuit
logo
Recom International Pow...
RACG100 RECOM-RACG100 Datasheet
452Kb / 4P
built in active PFC
RACG150 RECOM-RACG150 Datasheet
451Kb / 4P
Built-in Active PFC
logo
Toshiba Semiconductor
TA8523F TOSHIBA-TA8523F Datasheet
193Kb / 4P
built-in enable function
logo
Delta Electronics, Inc.
DRM-24V80W1PN DELTA-DRM-24V80W1PN Datasheet
1Mb / 20P
Built-in active PFC and up to 90% efficiency
PMF-24V240WCXX DELTA-PMF-24V240WCXX Datasheet
1Mb / 14P
Built-in Active PFC and fan speed control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com