Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR5488E Datasheet (PDF) - Exar Corporation

XR5488E Datasheet PDF - Exar Corporation
Part # XR5488E
Download  XR5488E Download
File Size   933.63 Kbytes
Page   23 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description ULTRA HIGH SPEED RS-485/RS-422 PROFIBUS TRANSCEIVERS WITH 1/8TH UNIT LOAD AND 15KV ESD-PROTECTION

XR5488E Datasheet (PDF)

Go To PDF Page Download Datasheet
XR5488E Datasheet PDF - Exar Corporation

Part # XR5488E
Download  XR5488E Click to download

File Size   933.63 Kbytes
Page   23 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description ULTRA HIGH SPEED RS-485/RS-422 PROFIBUS TRANSCEIVERS WITH 1/8TH UNIT LOAD AND 15KV ESD-PROTECTION

XR5488E Datasheet (HTML) - Exar Corporation


XR5488E Product details

GENERAL DESCRIPTION
The XR5486E-XR5488E family of RS-485 devices are designed for reliable, bidirectional communication on multipoint bus transmission lines. Each device contains one differential driver and one differential receiver. XR5488E is a half-duplex device while the other part numbers are full-duplex. All devices comply with TIA/EIA-485 and TIA/EIA-422 standards. Lead-free and RoHS compliant packages are available for all models.

FEATURES
• 5.0V Single Supply Operation
• High Speed up to 52Mbps
• Advanced Fail-safe Receiver Inputs
• Hot Swap glitch protection on control inputs
• Robust ESD Protection for RS-485 pins
    ■ +/-15kV Air-Gap Discharge
    ■ +/-15kV Human Body Model
    ■ +/-8kV Contact Discharge
• 1/8th Unit Load, 256 transceivers on bus
• Driver short circuit current limit and thermal shutdown for overload protection
• Low Current 1μA shutdown mode (except XR5487E)
• Industry standard package footprints

TYPICAL APPLICATIONS
• Motor Control
• Building Automation
• Security Systems
• Remote Utility Meter Reading




Similar Part No. - XR5488E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR5488E EXAR-XR5488E Datasheet
177Kb / 6P
ADVANTAGES OF ENHANCED RECEIVER FAILSAFE FEATURES
More results


Similar Description - XR5488E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4486 INTERSIL-ISL4486 Datasheet
550Kb / 11P
5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
August 2004
logo
Sipex Corporation
SP3080E-3088E SIPEX-SP3080E-3088E Datasheet
756Kb / 25P
Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
-15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
February 27, 2008
logo
Exar Corporation
SP3080E EXAR-SP3080E Datasheet
1Mb / 25P
Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
SP3495E EXAR-SP3495E Datasheet
485Kb / 17P
HIGH SPEED 3.3V RS-485/RS-422 TRANSCEIVERS WITH /-15KV ESD PROTECTION AND ADVANCED FAILSAFE
SP4082E EXAR-SP4082E Datasheet
412Kb / 14P
5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
XR3170E EXAR-XR3170E Datasheet
640Kb / 24P
3.3V High Speed RS-485/RS-422 TRANSCEIVERS WITH 1/8 UNIT LOAD
XR3172EID-F EXAR-XR3172EID-F Datasheet
640Kb / 24P
3.3V HIGH SPEED RS-485/RS-422 TRANSCEIVERS WITH 1/8th UNIT LOAD
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
logo
Renesas Technology Corp
ISL4486 RENESAS-ISL4486 Datasheet
764Kb / 11P
5V, Ultra High Speed, PROFIBUS®, RS-485/RS-422 Transceivers
August 1, 2004
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com