Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR-X6769 Datasheet (PDF) - Sanken electric

STR-X6769 Datasheet PDF - Sanken electric
Part # STR-X6769
Download  STR-X6769 Download
File Size   101.49 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency

STR-X6769 Datasheet (PDF)

Go To PDF Page Download Datasheet
STR-X6769 Datasheet PDF - Sanken electric

Part # STR-X6769
Download  STR-X6769 Click to download

File Size   101.49 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency

STR-X6769 Datasheet (HTML) - Sanken electric


STR-X6769 Product details

General Descriptions
The STR-X6700 series products are power ICs for quasi-resonant type switching power supplies, incorporating a power MOSFET and a controller IC, The product achieves high efficiency and low noise power supply systems by the quasi-resonant operation and the bottom-skip quasi-resonant operation.
The STR-W6700 series products are the different package (TO-220F) versions.

Features
● Multi-Mode Control
    The operation mode switching with three steps according to load conditions achieves the optimal high efficiency and low noise power supply systems across the full load range. (The confirmation of product number is necessary because some functions are different in each product.)
    • In Standby (Under Standby Load Conditions):
        -UVLO Intermittent Oscillation by low output voltage --- Switched by Standby Signal, or
        -Auto Burst-Oscillation --- Switched Automatically
    • Under Low to Middle Load Conditions: Bottom-Skip Quasi-Resonant Operation (Bottom-Skip QR)
    • Under Middle to Rating (or Heavy) Load Conditions: Quasi-Resonant Operation (QR)
● Current-Mode Control
● Built-in PWM Oscillator
    The PWM operates with the minimum frequency of around 22 kHz, until the quasi-resonant signal becomes valid, reduces the stress on components at startup and load-shorted.
● Soft-Start Function
● Step-Drive Function, reducing switching noise
● Built-in Maximum ON Time Limitation Circuit
    The function limits the maximum ON time of power MOSFET, during the transitions at low input voltage, power ON/OFF.
● Input Compensation at Overcurrent
    The function reduces the distortion of overcurrent operation point to AC input voltage change by adding three components.
● Built-in Avalanche Energy Guaranteed High-Voltage Power MOSFET
● Various Protections
    Overcurrent Protection (OCP) -------------------------------Pulse-by-Pulse
    Overload Protection (OLP)-----------------------------------Latch Shutdown
    Overvoltage Protection (OVP)-------------------------------Latch Shutdown

Applications
    Switching Power Supplies for Digital Consumer Equipment; LCD-TVs, PDP-TVs, CRT-TVs, etc., Home Appliances, OA Equipments, Industry Machines, Communication Devices, Others

   




Similar Part No. - STR-X6769

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR-X6769 ALLEGRO-STR-X6769 Datasheet
494Kb / 11P
Off-Line Quasi-Resonant Switching Regulators
logo
Sanken electric
STR-X6769 SANKEN-STR-X6769 Datasheet
409Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
logo
Allegro MicroSystems
STR-X6769_V ALLEGRO-STR-X6769_V Datasheet
408Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
More results


Similar Description - STR-X6769

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TN6Q04 SANYO-TN6Q04 Datasheet
40Kb / 4P
ExPD (Excellent Power Device) Quasi-Resonant Switching Power Supply ExPD
logo
Sanken electric
SSC9510 SANKEN-SSC9510 Datasheet
124Kb / 2P
Controller IC for Current Resonant Type Switching Power Supply with Half-Bridge Resonance
STR-L400 SANKEN-STR-L400 Datasheet
71Kb / 2P
Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency, Low Noise
STR-L6400 SANKEN-STR-L6400 Datasheet
85Kb / 2P
Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency, Low Noise
STR-W6700 SANKEN-STR-W6700 Datasheet
91Kb / 2P
Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
STR-Y6400 SANKEN-STR-Y6400 Datasheet
239Kb / 2P
Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
STR-Y6700 SANKEN-STR-Y6700 Datasheet
189Kb / 2P
Power IC for Quasi-Resonant Mode Switching Power Supplies with Low Standby Power
STR-L451 SANKEN-STR-L451 Datasheet
72Kb / 2P
Power IC for Quasi-Resonant Type Switching Power Supply
STR-L6472 SANKEN-STR-L6472 Datasheet
85Kb / 2P
Power IC for Quasi-Resonant Type Switching Power Supply
logo
NXP Semiconductors
TEA19161T NXP-TEA19161T_V01 Datasheet
512Kb / 44P
Digital controller for high-efficiency resonant power supply
Rev. 2.2 - 23 January 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com