Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB11995 Datasheet (PDF) - Sanyo Semicon Device

LB11995 Datasheet PDF - Sanyo Semicon Device
Part # LB11995
Download  LB11995 Download
File Size   97.87 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive

LB11995 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB11995 Datasheet PDF - Sanyo Semicon Device

Part # LB11995
Download  LB11995 Click to download

File Size   97.87 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive

LB11995 Datasheet (HTML) - Sanyo Semicon Device


LB11995 Product details

Overview
The LB11995 is a 3-phase brushless motor driver especially suited for CD-ROM spindle motor drives.

Functions
• Current linear drive
• Control V type amplifier
• Separate power supply for output upper side bias circuit allows low output saturation by boosting this power supply only (useful for 5V power supply types).
• Upper side current detection technique reduces loss voltage of current detection resistor. Voltage drop caused by this resistor reduces internal power dissipation of IC.
• Built-in short braking circuit
• Built-in reverse blocking circuit
• Hall FG output
• Built-in S/S function
• Built-in current limiter circuit (selectable, 2 steps)
• Built-in Hall power supply
• Built-in thermal shutdown circuit
• Supports 3.3V DSP




Similar Part No. - LB11995

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
More results


Similar Description - LB11995

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
LB11997H SANYO-LB11997H Datasheet
74Kb / 8P
Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1893 SANYO-LB1893 Datasheet
159Kb / 8P
3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
LB1894M SANYO-LB1894M Datasheet
142Kb / 7P
3-Phase Brushless Motor Driver for CD-ROM Spindle Motors?
LB1896 SANYO-LB1896 Datasheet
95Kb / 8P
3-phase Brushless Motor Driver for CD-ROM Spindle Drive Use
LB1995 SANYO-LB1995 Datasheet
92Kb / 9P
Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1996 SANYO-LB1996 Datasheet
90Kb / 9P
Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1997 SANYO-LB1997 Datasheet
100Kb / 9P
Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1998 SANYO-LB1998 Datasheet
91Kb / 9P
Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com