Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1205 Datasheet (PDF) - Sanyo Semicon Device

LB1205 Datasheet PDF - Sanyo Semicon Device
Part # LB1205
Download  LB1205 Download
File Size   70.39 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Voltage, High- Current Darlington Driver

LB1205 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1205 Datasheet PDF - Sanyo Semicon Device

Part # LB1205
Download  LB1205 Click to download

File Size   70.39 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Voltage, High- Current Darlington Driver

LB1205 Datasheet (HTML) - Sanyo Semicon Device


LB1205 Product details

Overview
The LB1205 is a 4-unit, high withstand voltage (65V), large-current (1.5A) Darlington driver array with input low active configuration and sync output.

Features
• 4-unit, high withstand voltage design (65V), large-current (1.5A) Darlington driver.
• PNP input type (low active).
• On-chip spark killer diodes.
• On-chip input protection diodes.
• Capable of being driven directly from 5V operated CMOS, TTL.




Similar Part No. - LB1205

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1205 SANYO-LB1205 Datasheet
78Kb / 3P
High-Voltage, Large-Current Darlington Driver
logo
ON Semiconductor
LB1205 ONSEMI-LB1205 Datasheet
76Kb / 4P
High-Voltage, Large-Current Darlington Driver
March, 2014
LB1205-E ONSEMI-LB1205-E Datasheet
76Kb / 4P
High-Voltage, Large-Current Darlington Driver
March, 2014
LB1205-E ONSEMI-LB1205-E Datasheet
82Kb / 4P
High-Voltage, Large-Current Darlington Driver
March, 2014
LB1205-L-E ONSEMI-LB1205-L-E Datasheet
76Kb / 4P
High-Voltage, Large-Current Darlington Driver
March, 2014
More results


Similar Description - LB1205

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1235 SANYO-LB1235 Datasheet
66Kb / 2P
High-Voltage, High-Current Darlington Driver?
LB1730 SANYO-LB1730 Datasheet
60Kb / 2P
High-Voltage, High-Current Darlington Driver
logo
List of Unclassifed Man...
ULN2001A ETC1-ULN2001A Datasheet
749Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
First Components Intern...
ULN2803 FCI-ULN2803 Datasheet
235Kb / 5P
High-Voltage,High-Current Darlington Arrays
logo
Sanyo Semicon Device
LB1205 SANYO-LB1205_08 Datasheet
78Kb / 3P
High-Voltage, Large-Current Darlington Driver
LB1205M SANYO-LB1205M_08 Datasheet
75Kb / 3P
High-Voltage, Large-Current Darlington Driver
logo
Leshan Radio Company
LR2001A LRC-LR2001A Datasheet
291Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
ON Semiconductor
LB1205 ONSEMI-LB1205 Datasheet
76Kb / 4P
High-Voltage, Large-Current Darlington Driver
March, 2014
EN1831 ONSEMI-EN1831 Datasheet
82Kb / 4P
High-Voltage, Large-Current Darlington Driver
March, 2014
LB1205M ONSEMI-LB1205M Datasheet
72Kb / 3P
High-Voltage, Large-Current Darlington Driver
August, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com