Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7467 Datasheet (PDF) - Analog Devices

AD7467 Datasheet PDF - Analog Devices
Part # AD7467
Download  AD7467 Download
File Size   585.11 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.6 V, Micropower 12-/10-/8-Bit ADCs

AD7467 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7467 Datasheet PDF - Analog Devices

Part # AD7467
Download  AD7467 Click to download

File Size   585.11 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.6 V, Micropower 12-/10-/8-Bit ADCs

AD7467 Datasheet (HTML) - Analog Devices


AD7467 Product details

GENERAL DESCRIPTION
The AD7466/AD7467/AD7468 are 12-/10-/8-bit, high speed, low power, successive approximation analog-to-digital converters (ADCs), respectively. The parts operate from a single1.6 V to 3.6 V power supply and feature throughput rates up to 200 kSPS with low power dissipation. The parts contain a low noise, wide bandwidth track-and-hold amplifier, which can handle input frequencies in excess of 3 MHz. The conversion process and data acquisition are controlled using CSand the serial clock, allowing the devices to interface with microprocessors or DSPs. The input signal is sampled on the falling edge of CS, and the conversion is also initiated at this point. There are no pipeline delays associated with the part. 

FEATURES
Specified for VDD of 1.6 V to 3.6 V
Low power:
 0.62 mW typical at 100 kSPS with 3 V supplies
 0.48 mW typical at 50 kSPS with 3.6 V supplies
 0.12 mW typical at 100 kSPS with 1.6 V supplies
Fast throughput rate: 200 kSPS
Wide input bandwidth:
 71 dB SNR at 30 kHz input frequency
Flexible power/serial clock speed management
No pipeline delays
High speed serial interface:
SPI/QSPI™/MICROWIRE™/DSP compatible
Automatic power-down
Power-down mode: 8 nA typical
6-lead SOT-23 package
8-lead MSOP package

APPLICATIONS
Battery-powered systems
Medical instruments
Remote data acquisition
Isolated data acquisition

AD7466
VDD= 1.6 V to 3.6 V, fSCLK= 3.4 MHz, fSAMPLE= 100 kSPS, unless otherwise noted. TA= TMINto TMAX, unless otherwise noted.
The temperature range for the B version is −40°C to +85°C.

AD7467
VDD= 1.6 V to 3.6 V, fSCLK= 3.4 MHz, fSAMPLE= 100 kSPS, unless otherwise noted. TA= TMINto TMAX, unless otherwise noted.
The temperature range for the B version is −40°C to +85°C.

AD7468
VDD= 1.6 V to 3.6 V, fSCLK= 3.4 MHz, fSAMPLE= 100 kSPS, unless otherwise noted. TA= TMINto TMAX, unless otherwise noted.
The temperature range for the B version is −40°C to +85°C.




Similar Part No. - AD7467

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7467 AD-AD7467 Datasheet
171Kb / 15P
1.8 V, Micro-Power, 8/10/12-Bit ADCs in 6 Lead SOT-23
AD7467 AD-AD7467 Datasheet
677Kb / 29P
1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7467BRM AD-AD7467BRM Datasheet
171Kb / 15P
1.8 V, Micro-Power, 8/10/12-Bit ADCs in 6 Lead SOT-23
AD7467BRT AD-AD7467BRT Datasheet
171Kb / 15P
1.8 V, Micro-Power, 8/10/12-Bit ADCs in 6 Lead SOT-23
AD7467 AD-AD7467_15 Datasheet
677Kb / 29P
1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
More results


Similar Description - AD7467

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1850 LINER-LTC1850 Datasheet
283Kb / 28P
8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
LTC1863L LINER-LTC1863L Datasheet
234Kb / 16P
Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
logo
Texas Instruments
ADS7950 TI1-ADS7950_12 Datasheet
1Mb / 65P
12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
logo
Linear Dimensions Semic...
LTC1863LIGNPBF LINEAR_DIMENSIONS-LTC1863LIGNPBF Datasheet
239Kb / 16P
Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
logo
Analog Devices
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
AD7466 AD-AD7466_15 Datasheet
677Kb / 29P
1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7467 AD-AD7467_15 Datasheet
677Kb / 29P
1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7468 AD-AD7468_15 Datasheet
677Kb / 29P
1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
logo
Linear Technology
LTC1863L LINER-LTC1863L_15 Datasheet
426Kb / 16P
Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
LTC1867L LINER-LTC1867L_15 Datasheet
426Kb / 16P
Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com