Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6628 Datasheet (PDF) - ATMEL Corporation

ATA6628 Datasheet PDF - ATMEL Corporation
Part # ATA6628
Download  ATA6628 Download
File Size   1237.02 Kbytes
Page   36 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Negative Trigger Input for Watchdog

ATA6628 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATA6628 Datasheet PDF - ATMEL Corporation

Part # ATA6628
Download  ATA6628 Click to download

File Size   1237.02 Kbytes
Page   36 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Negative Trigger Input for Watchdog

ATA6628 Datasheet (HTML) - ATMEL Corporation


ATA6628 Product details

Description
The Atmel® ATA6628 is a fully integrated LIN transceiver, which complies with the LIN 2.0, 2.1 and SAEJ2602-2 specifications. It has a low-drop voltage regulator for 3.3V/85mA output and a window watchdog. The Atmel ATA6630 has the same functionality as the Atmel ATA6628; however, it uses a 5V/85mA regulator. The voltage regulator is able to source up to 85mA, but the output current can be boosted by using an external NPN transistor. This chip combination makes it possible to develop inexpensive, simple, yet powerful slave and master nodes for LIN-bus systems. Atmel ATA6628/ATA6630 are designed to handle the low-speed data communication in vehicles, e.g., in convenience electronics. Improved slope control at the LIN-driver ensures secure data communication up to 20kBaud. The bus output is designed to withstand high voltage. Sleep Mode and Silent Mode guarantee minimized current consumption even in the case of a floating or a short circuited LIN- bus.

Features
● Master and slave operation possible
● Supply voltage up to 40V
● Operating voltage VS = 5V to 27V
● Typically 10µA supply current during Sleep Mode
● Typically 35µA supply current in Silent Mode
● Linear low-drop voltage regulator, 85mA current capability:
● Normal, Fail-safe, and Silent Mode
● Atmel® ATA6628 VCC = 3.3V ±2%
● Atmel ATA6630 VCC = 5.0V ±2%
● In Sleep Mode VCC is switched off
● VCC- undervoltage detection (4ms reset time) and watchdog reset logical combined at open drain output NRES
● High-speed Mode for transmission rates up to 200kBaud
● Internal 1:6 voltage divider for VBattery Sensing
● Negative trigger input for watchdog
● Boosting the voltage regulator possible with an external NPN transistor
● LIN physical layer according to LIN 2.0, 2.1 and SAEJ2602-2
● Wake-up capability via LIN-bus, Wake pin, or Kl_15 pin
● INH output to control an external voltage regulator or to switch off the master pull up resistor
● Bus pin is overtemperature and short-circuit protected versus GND and battery
● Adjustable watchdog time via external resistor
● Advanced EMC and ESD performance
● Fulfills the OEM “Hardware Requirements for LIN in Automotive Applications Rev.1.1”
● Interference and damage protection according to ISO7637
● Qualified according to AEC-Q100
● Package: QFN 5mm × 5mm with 20 pins (Moisture Sensitivity Level 1)




Similar Part No. - ATA6628

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6628 ATMEL-ATA6628_14 Datasheet
1Mb / 36P
LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
More results


Similar Description - ATA6628

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC107 PHILIPS-74HC107 Datasheet
53Kb / 7P
Dual JK flip-flop with reset; negative-edge trigger
December 1990
74HC73 NXP-74HC73 Datasheet
457Kb / 16P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 04-19 March 2008
logo
Texas Instruments
PT78NR100 TI1-PT78NR100_15 Datasheet
206Kb / 5P
Negative output from positive input
PT78NR200 TI1-PT78NR200_09 Datasheet
439Kb / 2P
Negative output from positive input
logo
Xilinx, Inc
DS552 XILINX-DS552 Datasheet
331Kb / 14P
Optional Schmitt-trigger input
logo
Unisonic Technologies
L16B45AG-R24-R UTC-L16B45AG-R24-R Datasheet
267Kb / 12P
Schmitt trigger input
logo
Microchip Technology
MCP621 MICROCHIP-MCP621_14 Datasheet
1Mb / 62P
Input Range incl. Negative Rail
03/25/14
logo
Nexperia B.V. All right...
74HC107-Q100 NEXPERIA-74HC107-Q100 Datasheet
747Kb / 17P
Dual JK flip-flop with reset; negative-edge trigger
logo
List of Unclassifed Man...
AT2005B ETC-AT2005B Datasheet
1Mb / 6P
OP COMPENSATION NEGATIVE INPUT
logo
Nexperia B.V. All right...
74HCT107-Q100 NEXPERIA-74HCT107-Q100 Datasheet
259Kb / 15P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 3 - 7 July 2021
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com