Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1294 Datasheet (PDF) - Sanyo Semicon Device

LB1294 Datasheet PDF - Sanyo Semicon Device
Part # LB1294
Download  LB1294 Download
File Size   62.51 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 6-Channel Driver Array?

LB1294 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1294 Datasheet PDF - Sanyo Semicon Device

Part # LB1294
Download  LB1294 Click to download

File Size   62.51 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 6-Channel Driver Array?

LB1294 Datasheet (HTML) - Sanyo Semicon Device


LB1294 Product details

Features
• 6 independent Darlington drivers.
• High voltage (60V), high output source current (60mA).
• Ideally suited for interface between different supply voltage systems.
• Wide duty cycle.
• Best applicable to system of 5V supply voltage.




Similar Part No. - LB1294

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1290 SANYO-LB1290 Datasheet
51Kb / 2P
8-Channel Driver Array
LB1291 SANYO-LB1291 Datasheet
56Kb / 2P
8-Channel Driver Array?
LB1292 SANYO-LB1292 Datasheet
54Kb / 2P
6-Channel Driver Array?
LB1293 SANYO-LB1293 Datasheet
56Kb / 2P
6-Channel Driver Array?
More results


Similar Description - LB1294

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1290 SANYO-LB1290 Datasheet
51Kb / 2P
8-Channel Driver Array
LB1291 SANYO-LB1291 Datasheet
56Kb / 2P
8-Channel Driver Array?
LB1292 SANYO-LB1292 Datasheet
54Kb / 2P
6-Channel Driver Array?
LB1293 SANYO-LB1293 Datasheet
56Kb / 2P
6-Channel Driver Array?
logo
California Micro Device...
PACDN006 CALMIRCO-PACDN006 Datasheet
82Kb / 3P
6 CHANNEL ESD PROTECTION ARRAY
logo
ON Semiconductor
PACDN006 ONSEMI-PACDN006 Datasheet
117Kb / 9P
6-Channel ESD Protection Array
May 2010 Rev. 4
logo
Intersil Corporation
ISL97672 INTERSIL-ISL97672_10 Datasheet
380Kb / 17P
6-Channel LED Driver
June 24, 2010
logo
ON Semiconductor
PACDN006 ONSEMI-PACDN006_11 Datasheet
143Kb / 7P
6-Channel ESD Protection Array
October, 2011 ??Rev. 5
logo
Renesas Technology Corp
ISL97672 RENESAS-ISL97672 Datasheet
919Kb / 17P
6-Channel LED Driver
Sep 8, 2017
logo
California Micro Device...
PACDN006S CALMIRCO-PACDN006S Datasheet
255Kb / 6P
6 CHANNEL ESD PROTECTION ARRAY
1999
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com