Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6631 Datasheet (PDF) - ATMEL Corporation

ATA6631 Datasheet PDF - ATMEL Corporation
Part # ATA6631
Download  ATA6631 Download
File Size   829.64 Kbytes
Page   26 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Typically 10 關A Supply Current During Sleep Mode

ATA6631 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATA6631 Datasheet PDF - ATMEL Corporation

Part # ATA6631
Download  ATA6631 Click to download

File Size   829.64 Kbytes
Page   26 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Typically 10 關A Supply Current During Sleep Mode

ATA6631 Datasheet (HTML) - ATMEL Corporation


ATA6631 Product details

Description
ATA6629/ATA6631 is a fully integrated LIN transceiver, designed according to the LIN specification 2.0, 2.1 and SAEJ2602-2, with a low-drop voltage regulator (3.3V/5V/50 mA). The combination of voltage regulator and bus transceiver makes it possible to develop simple, but powerful, slave nodes in LIN Bus systems.

Features
• Supply Voltage up to 40V
• Operating Voltage VS = 5V to 27V
• Typically 10 µA Supply Current During Sleep Mode
• Typically 40 µA Supply Current in Silent Mode
• Linear Low-drop Voltage Regulator:
   – Normal, Fail-safe, and Silent Mode
   – ATA6629: VCC = 3.3V ±2%
   – ATA6631: VCC = 5.0V ±2%
   – Sleep Mode: VCC is Switched Off
• VCC Undervoltage Detection with Reset Open Drain Output NRES (4 ms Reset Time)
• Voltage Regulator is Short-circuit and Over-temperature Protected
• LIN Physical Layer According to LIN 2.0, 2.1 and SAEJ2602-2
• Wake-up Capability via LIN Bus (90 µs Dominant)
• TXD Time-out Timer
• Bus Pin is Overtemperature and Short-circuit Protected versus GND and Battery
• Advanced EMC and ESD Performance
• Fulfills the OEM “Hardware Requirements for LIN in Automotive Applications Rev.1.1”
• Interference and Damage Protection According to ISO7637
• Package: SO8




Similar Part No. - ATA6631

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6631 ATMEL-ATA6631_14 Datasheet
961Kb / 26P
LIN Bus Transceiver with Integrated Voltage Regulator
More results


Similar Description - ATA6631

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612_10 Datasheet
6Mb / 364P
Very Low Current Consumption in Sleep Mode
ATA6622 ATMEL-ATA6622_10 Datasheet
1,007Kb / 31P
Typically 10 關A Supply Current During Sleep Mode
logo
Texas Instruments
LMP91000 TI-LMP91000 Datasheet
1Mb / 30P
Cell Conditioning Current up to 10 mA, Supply Current (Average Over Time) <10 關A, Output Drive Current 750關A
logo
ATMEL Corporation
U2790B-MFP ATMEL-U2790B-MFP Datasheet
233Kb / 15P
Supply Voltage 5 V (Typically)
logo
Rohm
BD1482EFJ ROHM-BD1482EFJ Datasheet
568Kb / 20P
Low Standby Current during Shutdown Mode
BD1484EFJ ROHM-BD1484EFJ Datasheet
565Kb / 20P
Low Standby Current during Shutdown Mode
logo
Seiko Instruments Inc
S-19680AAAH-K8T2U SII-S-19680AAAH-K8T2U Datasheet
3Mb / 27P
Current consumption during operation
logo
RICOH electronics devic...
RN5RT RICOH-RN5RT_17 Datasheet
537Kb / 15P
Supply Current Typ. 4關A (except ICEL)
April 1, 2012
logo
ATMEL Corporation
U2790B ATMEL-U2790B_02 Datasheet
233Kb / 15P
Supply Voltage 5 V (Typically)
logo
Analog Devices
LTC2066 AD-LTC2066 Datasheet
3Mb / 24P
10關A Supply Current Low IB, Zero-Drift Operational Amplifier
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com