Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54LPS Datasheet (PDF) - Diodes Incorporated

BAT54LPS Datasheet PDF - Diodes Incorporated
Part # BAT54LPS
Download  BAT54LPS Download
File Size   103.61 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE

BAT54LPS Datasheet (PDF)

Go To PDF Page Download Datasheet
BAT54LPS Datasheet PDF - Diodes Incorporated

Part # BAT54LPS
Download  BAT54LPS Click to download

File Size   103.61 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE

BAT54LPS Datasheet (HTML) - Diodes Incorporated


BAT54LPS Product details

Features
• Low Forward Voltage Drop
• Fast Switching
• Ultra-Small Leadless Surface Mount Package
• PN Junction Guard Ring for Transient and ESD Protection
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Mechanical Data
• Case: X2-DFN1006-2
• Case Material: Molded Plastic, "Green" Molding Compound.
   UL Flammability Classification Rating 94V-0
• Moisture Sensitivity: Level 1 per J-STD-020
• Terminal Connections: See Marking Information
• Terminal Finish - NiPdAu over Copper Leadframe.
   Solderable per MIL-STD-202, Method 208 e4
• Weight: 0.001 grams




Similar Part No. - BAT54LPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54LPS DIODES-BAT54LPS Datasheet
238Kb / 5P
0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
February 2013
BAT54LPS-7 DIODES-BAT54LPS-7 Datasheet
311Kb / 5P
0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 6
BAT54LPS-7 DIODES-BAT54LPS-7 Datasheet
238Kb / 5P
0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
February 2013
BAT54LPS DIODES-BAT54LPS_15 Datasheet
238Kb / 5P
0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
February 2013
BAT54LPS DIODES-BAT54LPS_17 Datasheet
311Kb / 5P
0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 6
More results


Similar Description - BAT54LPS

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G401SD GTM-G401SD Datasheet
198Kb / 2P
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.2A
GBAS40 GTM-GBAS40 Datasheet
216Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE 40V,CURRENT 0.2A
logo
Silicon Standard Corp.
BAS86 SSC-BAS86 Datasheet
322Kb / 2P
0.2A Surface-mount Small-signal Schottky Diode
logo
SeCoS Halbleitertechnol...
BAT54X SECOS-BAT54X_12 Datasheet
231Kb / 2P
0.2A , 30V Surface Mount Schottky Barrier Diode
SCS230D SECOS-SCS230D Datasheet
103Kb / 2P
0.2A , 30V Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
BAT54LPS DIODES-BAT54LPS_15 Datasheet
238Kb / 5P
0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
February 2013
logo
Cystech Electonics Corp...
BAT54C2 CYSTEKEC-BAT54C2 Datasheet
327Kb / 6P
0.2A surface mount Schottky diode
logo
SeCoS Halbleitertechnol...
BAT54DW SECOS-BAT54DW Datasheet
184Kb / 2P
0.2A, 30V Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
BAT54LPS DIODES-BAT54LPS_17 Datasheet
311Kb / 5P
0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 6
logo
Will Semiconductor Ltd.
WSB5546N WILLSEMI-WSB5546N Datasheet
818Kb / 4P
0.2A, Schottky Barrier Diode
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com