Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3.0SMCJ5.0A Datasheet (PDF) - Diodes Incorporated

3.0SMCJ5.0A Datasheet PDF - Diodes Incorporated
Part # 3.0SMCJ5.0A
Download  3.0SMCJ5.0A Download
File Size   99.65 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

3.0SMCJ5.0A Datasheet (PDF)

Go To PDF Page Download Datasheet
3.0SMCJ5.0A Datasheet PDF - Diodes Incorporated

Part # 3.0SMCJ5.0A
Download  3.0SMCJ5.0A Click to download

File Size   99.65 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

3.0SMCJ5.0A Datasheet (HTML) - Diodes Incorporated


3.0SMCJ5.0A Product details

Features

• 3000W Peak Pulse Power Dissipation

• Glass Passivated Die Construction

• Excellent Clamping Capability

• Fast Response Time

• Lead Free Finish, RoHS Compliant (Note 4)

• Green Molding Compound (No Halogen and Antimony) (Note 8)



 




Similar Part No. - 3.0SMCJ5.0A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ5.0A WTE-3.0SMCJ5.0A Datasheet
65Kb / 5P
3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
3.0SMCJ5.0A WTE-3.0SMCJ5.0A Datasheet
81Kb / 6P
3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
3.0SMCJ5.0A TSC-3.0SMCJ5.0A Datasheet
73Kb / 4P
Surface Mount Transient Voltage Suppressor
3.0SMCJ5.0A TSC-3.0SMCJ5.0A Datasheet
279Kb / 4P
3000 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
3.0SMCJ5.0A PANJIT-3.0SMCJ5.0A Datasheet
112Kb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 3.0SMCJ5.0A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ WTE-3.0SMCJ_06 Datasheet
81Kb / 6P
3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ180 WTE-3.0SMCJ180 Datasheet
71Kb / 5P
3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
3.0SMCJ WEITRON-3.0SMCJ Datasheet
330Kb / 4P
3000W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
3.0SMCJ5.0 FRONTIER-3.0SMCJ5.0 Datasheet
192Kb / 4P
3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ5.0-LFR FRONTIER-3.0SMCJ5.0-LFR Datasheet
134Kb / 4P
3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
3.0SMCJ24A-13 DIODES-3.0SMCJ24A-13 Datasheet
99Kb / 4P
3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev erse
3.0SMCJ58A-13 DIODES-3.0SMCJ58A-13 Datasheet
99Kb / 4P
3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev erse
logo
Guangdong Juxing Electr...
SMDJ JUXING-SMDJ Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor Power 3000W
logo
Taiwan Semiconductor Co...
SMDJ10A TSC-SMDJ10A Datasheet
407Kb / 7P
3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
3KSMC12AH TSC-3KSMC12AH Datasheet
459Kb / 5P
3000W, 12V- 47V Surface Mount Transient Voltage Suppressor
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com