Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DB1386Q Datasheet (PDF) - Diodes Incorporated

2DB1386Q Datasheet PDF - Diodes Incorporated
Part # 2DB1386Q
Download  2DB1386Q Download
File Size   230.47 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PNP SURFACE MOUNT TRANSISTOR

2DB1386Q Datasheet (PDF)

Go To PDF Page Download Datasheet
2DB1386Q Datasheet PDF - Diodes Incorporated

Part # 2DB1386Q
Download  2DB1386Q Click to download

File Size   230.47 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PNP SURFACE MOUNT TRANSISTOR

2DB1386Q Datasheet (HTML) - Diodes Incorporated


2DB1386Q Product details

Features
• BVCEO > -20V
• IC = -5A High Continuous Current
• Low Saturation Voltage VCE(sat) < -1V @ -4A
• Complementary NPN Type: 2DD2098
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• For automotive applications requiring specific change
   control (i.e. parts qualified to AEC-Q100/101/200, PPAP
   capable, and manufactured in IATF 16949 certified facilities),
   please contact us or your local Diodes representative.
   https://www.diodes.com/quality/product-definitions/




Similar Part No. - 2DB1386Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DB1386Q DIODES-2DB1386Q Datasheet
158Kb / 5P
PNP SURFACE MOUNT TRANSISTOR
Rev 6
2DB1386Q-13 DIODES-2DB1386Q-13 Datasheet
158Kb / 5P
PNP SURFACE MOUNT TRANSISTOR
Rev 6
2DB1386Q-13 DIODES-2DB1386Q-13 Datasheet
267Kb / 6P
20V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 7
2DB1386Q-13R DIODES-2DB1386Q-13R Datasheet
267Kb / 6P
20V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 7
2DB1386Q DIODES-2DB1386Q_11 Datasheet
158Kb / 5P
PNP SURFACE MOUNT TRANSISTOR
Rev 6
More results


Similar Description - 2DB1386Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC807-16W DIODES-BC807-16W Datasheet
363Kb / 3P
PNP SURFACE MOUNT TRANSISTOR
DS30577 Rev. 5 - 2
DZT953 DIODES-DZT953_1 Datasheet
175Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS30941 Rev. 6 - 2
2DB1188P DIODES-2DB1188P Datasheet
235Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS31144 Rev. 4 - 2
2DA1797 DIODES-2DA1797 Datasheet
111Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS31619 Rev. 2 - 2
logo
Weitron Technology
BC808 WEITRON-BC808 Datasheet
959Kb / 4P
PNP Transistor Surface Mount
logo
Diodes Incorporated
2DB1119S DIODES-2DB1119S_15 Datasheet
201Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
Rev 2
DXT2907A DIODES-DXT2907A_15 Datasheet
191Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
Rev 5
DXT5401 DIODES-DXT5401_15 Datasheet
126Kb / 5P
PNP SURFACE MOUNT TRANSISTOR
Rev 3
logo
Leshan Radio Company
L2SB772Q LRC-L2SB772Q Datasheet
137Kb / 2P
PNP SURFACE MOUNT TRANSISTOR
L2SD882Q LRC-L2SD882Q Datasheet
137Kb / 2P
PNP SURFACE MOUNT TRANSISTOR
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com