Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPLS350Y Datasheet (PDF) - Diodes Incorporated

DPLS350Y Datasheet PDF - Diodes Incorporated
Part # DPLS350Y
Download  DPLS350Y Download
File Size   187.73 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR

DPLS350Y Datasheet (PDF)

Go To PDF Page Download Datasheet
DPLS350Y Datasheet PDF - Diodes Incorporated

Part # DPLS350Y
Download  DPLS350Y Click to download

File Size   187.73 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR

DPLS350Y Datasheet (HTML) - Diodes Incorporated


DPLS350Y Product details

Features
• BVCEO > -50V
• IC = -3A High Continuous Collector Current
• ICM up to -5A Peak Pulse Current
• 2W Power Dissipation
• Low Saturation Voltage VCE(sat) < -180mV @ 1A
• RCE(sat) = 67mΩ @ 2A for a Low Equivalent On-Resistance
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - DPLS350Y

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DPLS350Y-13 DIODES-DPLS350Y-13 Datasheet
286Kb / 7P
50V PNP LOW SATURATION POWER TRANSISTOR IN SOT89
Rev 7
DPLS350Y-13R DIODES-DPLS350Y-13R Datasheet
286Kb / 7P
50V PNP LOW SATURATION POWER TRANSISTOR IN SOT89
Rev 7
DPLS350Y DIODES-DPLS350Y_15 Datasheet
286Kb / 7P
50V PNP LOW SATURATION POWER TRANSISTOR IN SOT89
Rev 7
More results


Similar Description - DPLS350Y

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DZT955 DIODES-DZT955 Datasheet
196Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31280 Rev. 2 - 2
DPLS315E DIODES-DPLS315E Datasheet
164Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31325 Rev. 3 - 2
DPLS325E DIODES-DPLS325E Datasheet
162Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31327 Rev. 3 - 2
DSS5240T DIODES-DSS5240T Datasheet
101Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31591 Rev. 2 - 2
DSS5220V DIODES-DSS5220V Datasheet
125Kb / 5P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31660 Rev. 2 - 2
DJT4030P-13 DIODES-DJT4030P-13 Datasheet
112Kb / 5P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Rev 2
DSS5140V DIODES-DSS5140V_15 Datasheet
122Kb / 5P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Rev 3
2DB1689 DIODES-2DB1689_15 Datasheet
95Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Rev 2
DPLS160 DIODES-DPLS160_15 Datasheet
171Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Rev 4
DXT751 DIODES-DXT751_15 Datasheet
170Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Rev 3
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com