Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMB2227A Datasheet (PDF) - Diodes Incorporated

DMB2227A Datasheet PDF - Diodes Incorporated
Part # DMB2227A
Download  DMB2227A Download
File Size   239.07 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR

DMB2227A Datasheet (PDF)

Go To PDF Page Download Datasheet
DMB2227A Datasheet PDF - Diodes Incorporated

Part # DMB2227A
Download  DMB2227A Click to download

File Size   239.07 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR

DMB2227A Datasheet (HTML) - Diodes Incorporated


DMB2227A Product details

Features
• Complementary Pair
• Epitaxial Planar Die Construction
• One 2222A Type (NPN),
   One 2907A Type (PNP)
• Ideal for Low Power Amplification and Switching
• Lead Free By Design/RoHS Compliant (Note 2)
• "Green Device" (Note 3)

Mechanical Data
• Case: SOT-26
• Case Material: Molded Plastic, “Green” Molding
   Compound. UL Flammability Classification Rating 94V-0
• Moisture Sensitivity: Level 1 per J-STD-020C
• Terminals: Finish - Matte Tin annealed over Copper
   leadframe. Solderable per MIL-STD-202, Method 208
• Terminal Connections: See Diagram
• Ordering & Date Code Information: See Page 6
• Marking Information: See Page 6
• Weight: 0.006 grams (approximate)




Similar Part No. - DMB2227A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMB2227A DIODES-DMB2227A Datasheet
239Kb / 6P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 4
DMB2227A DIODES-DMB2227A_15 Datasheet
239Kb / 6P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 4
More results


Similar Description - DMB2227A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMDT2227 TRSYS-MMDT2227 Datasheet
323Kb / 3P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT4413 TRSYS-MMDT4413 Datasheet
337Kb / 3P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT3946 DIODES-MMDT3946 Datasheet
73Kb / 5P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30123 Rev. 4 - 2
MMDT5451 DIODES-MMDT5451 Datasheet
45Kb / 2P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30171 Rev. C-1
MMDT4146 DIODES-MMDT4146_1 Datasheet
88Kb / 5P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30162 Rev. 9 - 2
MMDT4146 DIODES-MMDT4146_09 Datasheet
100Kb / 5P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 11 - 2 January 2009
MMDT5451 DIODES-MMDT5451_2 Datasheet
204Kb / 5P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2
logo
Unisonic Technologies
MMDT3946 UTC-MMDT3946 Datasheet
136Kb / 5P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BD2378 UTC-BD2378 Datasheet
96Kb / 4P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT4146 DIODES-MMDT4146_15 Datasheet
100Kb / 5P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 11
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com