Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4800N Datasheet (PDF) - ebm-papst

4800N Datasheet PDF - ebm-papst
Part # 4800N
Download  4800N Download
File Size   192.25 Kbytes
Page   1 Pages
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst
Description TUBEAXIAL

4800N Datasheet (PDF)

Go To PDF Page Download Datasheet
4800N Datasheet PDF - ebm-papst

Part # 4800N
Download  4800N Click to download

File Size   192.25 Kbytes
Page   1 Pages
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst
Description TUBEAXIAL

4800N Datasheet (HTML) - ebm-papst


4800N Product details

- AC fans with external rotor shadedpole motor. Impedance protected against overloading.

- Metal fan housing and impeller.

- Air intake over struts. Rotational direction CW looking at rotor. Types 4890N and 4840N air exhaust over struts.

- Mounting from either face using four 4.3 mm holes.

- Fan housing with ground lug for screw M4 and UNC.

- Electrical connection: Terminals with 2 flat pins 2.8 x 0.5 mm.

- UL, CSA, VDE approvals on most models, please contact application engineering.




Similar Part No. - 4800N

ManufacturerPart #DatasheetDescription
logo
ebm-papst
4800N EBMPAPST-4800N Datasheet
295Kb / 4P
AC axial compact fan
4800N EBMPAPST-4800N Datasheet
383Kb / 1P
FAN HOUSING WITH GROUND LUG FOR SCREW M4 AND UNC
logo
VBsemi Electronics Co.,...
4800N VBSEMI-4800N Datasheet
1,006Kb / 9P
N-Channel 20V (D-S) MOSFET
logo
ebm-papst
4800N EBMPAPST-4800N_16 Datasheet
395Kb / 4P
AC axial compact fan
More results


Similar Description - 4800N

ManufacturerPart #DatasheetDescription
logo
ebm-papst
3850 EBMPAPST-3850 Datasheet
423Kb / 1P
TUBEAXIAL
3900L EBMPAPST-3900L Datasheet
358Kb / 1P
TUBEAXIAL
4600TZ EBMPAPST-4600TZ Datasheet
272Kb / 1P
TUBEAXIAL
5656S EBMPAPST-5656S Datasheet
277Kb / 1P
TUBEAXIAL
9956L EBMPAPST-9956L Datasheet
318Kb / 1P
TUBEAXIAL
AC3200JH EBMPAPST-AC3200JH Datasheet
205Kb / 1P
TUBEAXIAL
AC4300H EBMPAPST-AC4300H Datasheet
185Kb / 1P
TUBEAXIAL
AC6200NM EBMPAPST-AC6200NM Datasheet
128Kb / 1P
Tubeaxial
4484F EBMPAPST-4484F Datasheet
439Kb / 1P
TUBEAXIAL
4200 EBMPAPST-4200 Datasheet
595Kb / 3P
Tubeaxial
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com