Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP0150ALP4-7 Datasheet (PDF) - Diodes Incorporated

DP0150ALP4-7 Datasheet PDF - Diodes Incorporated
Part # DP0150ALP4-7
Download  DP0150ALP4-7 Download
File Size   118.96 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR

DP0150ALP4-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
DP0150ALP4-7 Datasheet PDF - Diodes Incorporated

Part # DP0150ALP4-7
Download  DP0150ALP4-7 Click to download

File Size   118.96 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR

DP0150ALP4-7 Datasheet (HTML) - Diodes Incorporated


DP0150ALP4-7 Product details

Features
• BVCEO > -50V
• IC = -100mA High Collector Current
• PD = 1000mW Power Dissipation
• 0.60mm2 Package Footprint, 13 Times Smaller than SOT23
• 0.4mm Height Package Minimizing Off-Board Profile
• Complementary NPN Type: DN0150ALP4 / DN0150BLP4
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• For automotive applications requiring specific change
   control (i.e. parts qualified to AEC-Q100/101/200, PPAP
   capable, and manufactured in IATF 16949 certified facilities),
   please contact us or your local Diodes representative.
   https://www.diodes.com/quality/product-definitions/




Similar Part No. - DP0150ALP4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DP0150ALP4-7 DIODES-DP0150ALP4-7 Datasheet
96Kb / 5P
50V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 4
DP0150ALP4-7B DIODES-DP0150ALP4-7B Datasheet
96Kb / 5P
50V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 4
More results


Similar Description - DP0150ALP4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMST2907A DIODES-MMST2907A Datasheet
54Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30081 Rev. 3 - 2
MMSTA92 DIODES-MMSTA92 Datasheet
46Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 3 - 2
BC856A_ DIODES-BC856A_ Datasheet
269Kb / 4P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 18 - 2
MMST4126 DIODES-MMST4126_1 Datasheet
82Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30161 Rev. 6 - 2
MMST5401 DIODES-MMST5401_1 Datasheet
209Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30170 Rev. 8 - 2
MMSTA92 DIODES-MMSTA92_1 Datasheet
77Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 8 - 2
MMBT2907AT DIODES-MMBT2907AT_1 Datasheet
353Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30269 Rev. 7 - 2
BC857AT DIODES-BC857AT_1 Datasheet
353Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30275 Rev. 8 - 2
DP350T05 DIODES-DP350T05 Datasheet
82Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30624 Rev. 6 - 2
BC856A DIODES-BC856A_2 Datasheet
119Kb / 4P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 19 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com