Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9950 Datasheet (PDF) - ebm-papst

9950 Datasheet PDF - ebm-papst
Part # 9950
Download  9950 Download
File Size   318.55 Kbytes
Page   1 Pages
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst
Description TUBEAXIAL

9950 Datasheet (PDF)

Go To PDF Page Download Datasheet
9950 Datasheet PDF - ebm-papst

Part # 9950
Download  9950 Click to download

File Size   318.55 Kbytes
Page   1 Pages
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst
Description TUBEAXIAL

9950 Datasheet (HTML) - ebm-papst


9950 Product details

General description

  AC voltage fan with internal rotor shaded-pole motor. Protected from overload by impedance protection.

  Fan housing made of metal, impeller made of mineral-reinforced PA plastic.

  Air exhaust over bars. Direction of rotation counter-clockwise seen on rotor.

  Electrical connection to 2 flat plugs 2.8 x 0.5 mm.

  Fan housing with grounding lug for M4 tapping screw.

  Mass 320 g.

  Please note our new ACmaxx series. With identical fastening dimensions and voltages, this series achieves higher energy efficiency.



 




Similar Part No. - 9950

ManufacturerPart #DatasheetDescription
logo
ebm-papst
9950 EBMPAPST-9950 Datasheet
289Kb / 4P
AC axial compact fan
9950 EBMPAPST-9950 Datasheet
129Kb / 1P
AC axial fans
logo
Belden Inc.
9950 BELDEN-9950 Datasheet
149Kb / 2P
RS232, #22-50c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
logo
Molex Electronics Ltd.
9950-0111 MOLEX5-9950-0111 Datasheet
118Kb / 3P
8.00mm (.315") Pitch Beau??Eurostyle??Fixed Mount, High Voltage PCB Terminal Block, Vertical, 11 Circuits
logo
Belden Inc.
9950-060100 BELDEN-9950-060100 Datasheet
149Kb / 2P
RS232, #22-50c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
More results


Similar Description - 9950

ManufacturerPart #DatasheetDescription
logo
ebm-papst
3850 EBMPAPST-3850 Datasheet
423Kb / 1P
TUBEAXIAL
3900L EBMPAPST-3900L Datasheet
358Kb / 1P
TUBEAXIAL
4624N EBMPAPST-4624N Datasheet
192Kb / 1P
TUBEAXIAL
4600TZ EBMPAPST-4600TZ Datasheet
272Kb / 1P
TUBEAXIAL
5656S EBMPAPST-5656S Datasheet
277Kb / 1P
TUBEAXIAL
AC3200JH EBMPAPST-AC3200JH Datasheet
205Kb / 1P
TUBEAXIAL
AC4300H EBMPAPST-AC4300H Datasheet
185Kb / 1P
TUBEAXIAL
AC6200NM EBMPAPST-AC6200NM Datasheet
128Kb / 1P
Tubeaxial
4484F EBMPAPST-4484F Datasheet
439Kb / 1P
TUBEAXIAL
4200 EBMPAPST-4200 Datasheet
595Kb / 3P
Tubeaxial
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com