Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9900 Datasheet (PDF) - ebm-papst

9900 Datasheet PDF - ebm-papst
Part # 9900
Download  9900 Download
File Size   318.55 Kbytes
Page   1 Pages
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst
Description TUBEAXIAL

9900 Datasheet (PDF)

Go To PDF Page Download Datasheet
9900 Datasheet PDF - ebm-papst

Part # 9900
Download  9900 Click to download

File Size   318.55 Kbytes
Page   1 Pages
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst
Description TUBEAXIAL

9900 Datasheet (HTML) - ebm-papst


9900 Product details

General description

  AC voltage fan with internal rotor shaded-pole motor. Protected from overload by impedance protection.

  Fan housing made of metal, impeller made of mineral-reinforced PA plastic.

  Air exhaust over bars. Direction of rotation counter-clockwise seen on rotor.

  Electrical connection to 2 flat plugs 2.8 x 0.5 mm.

  Fan housing with grounding lug for M4 tapping screw.

  Mass 320 g.

  Please note our new ACmaxx series. With identical fastening dimensions and voltages, this series achieves higher energy efficiency.



 




Similar Part No. - 9900

ManufacturerPart #DatasheetDescription
logo
ebm-papst
9900 EBMPAPST-9900 Datasheet
289Kb / 4P
AC axial compact fan
logo
Coto Technology
9900 COTO-9900 Datasheet
373Kb / 2P
9900 SERIES/SURFACE MOUNT REED RELAYS
logo
ebm-papst
9900 EBMPAPST-9900 Datasheet
129Kb / 1P
AC axial fans
logo
Keystone Electronics Co...
9900 KEYSTONE-9900 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Texas Instruments
9900 TI-9900 Datasheet
5Mb / 104P
Video Display Processors
NOVEMBER 1982
More results


Similar Description - 9900

ManufacturerPart #DatasheetDescription
logo
ebm-papst
3850 EBMPAPST-3850 Datasheet
423Kb / 1P
TUBEAXIAL
3900L EBMPAPST-3900L Datasheet
358Kb / 1P
TUBEAXIAL
4624N EBMPAPST-4624N Datasheet
192Kb / 1P
TUBEAXIAL
4600TZ EBMPAPST-4600TZ Datasheet
272Kb / 1P
TUBEAXIAL
5656S EBMPAPST-5656S Datasheet
277Kb / 1P
TUBEAXIAL
AC3200JH EBMPAPST-AC3200JH Datasheet
205Kb / 1P
TUBEAXIAL
AC4300H EBMPAPST-AC4300H Datasheet
185Kb / 1P
TUBEAXIAL
AC6200NM EBMPAPST-AC6200NM Datasheet
128Kb / 1P
Tubeaxial
4484F EBMPAPST-4484F Datasheet
439Kb / 1P
TUBEAXIAL
4200 EBMPAPST-4200 Datasheet
595Kb / 3P
Tubeaxial
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com