Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9906 Datasheet (PDF) - ebm-papst

9906 Datasheet PDF - ebm-papst
Part # 9906
Download  9906 Download
File Size   318.55 Kbytes
Page   1 Pages
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst
Description TUBEAXIAL

9906 Datasheet (PDF)

Go To PDF Page Download Datasheet
9906 Datasheet PDF - ebm-papst

Part # 9906
Download  9906 Click to download

File Size   318.55 Kbytes
Page   1 Pages
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst
Description TUBEAXIAL

9906 Datasheet (HTML) - ebm-papst


9906 Product details

General description

  AC voltage fan with internal rotor shaded-pole motor. Protected from overload by impedance protection.

  Fan housing made of metal, impeller made of mineral-reinforced PA plastic.

  Air exhaust over bars. Direction of rotation counter-clockwise seen on rotor.

  Electrical connection to 2 flat plugs 2.8 x 0.5 mm.

  Fan housing with grounding lug for M4 tapping screw.

  Mass 320 g.

  Please note our new ACmaxx series. With identical fastening dimensions and voltages, this series achieves higher energy efficiency.



 




Similar Part No. - 9906

ManufacturerPart #DatasheetDescription
logo
ebm-papst
9906 EBMPAPST-9906 Datasheet
289Kb / 4P
AC axial compact fan
9906 EBMPAPST-9906 Datasheet
129Kb / 1P
AC axial fans
logo
Keystone Electronics Co...
9906 KEYSTONE-9906 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
9906 KEYSTONE-9906 Datasheet
270Kb / 1P
PHILIPS PAN HEAD SCREW
logo
List of Unclassifed Man...
99063 ETC2-99063 Datasheet
1,009Kb / 6P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers, Warm Dimming Option 5 yr. Warranty
More results


Similar Description - 9906

ManufacturerPart #DatasheetDescription
logo
ebm-papst
3850 EBMPAPST-3850 Datasheet
423Kb / 1P
TUBEAXIAL
3900L EBMPAPST-3900L Datasheet
358Kb / 1P
TUBEAXIAL
4624N EBMPAPST-4624N Datasheet
192Kb / 1P
TUBEAXIAL
4600TZ EBMPAPST-4600TZ Datasheet
272Kb / 1P
TUBEAXIAL
5656S EBMPAPST-5656S Datasheet
277Kb / 1P
TUBEAXIAL
AC3200JH EBMPAPST-AC3200JH Datasheet
205Kb / 1P
TUBEAXIAL
AC4300H EBMPAPST-AC4300H Datasheet
185Kb / 1P
TUBEAXIAL
AC6200NM EBMPAPST-AC6200NM Datasheet
128Kb / 1P
Tubeaxial
4484F EBMPAPST-4484F Datasheet
439Kb / 1P
TUBEAXIAL
4200 EBMPAPST-4200 Datasheet
595Kb / 3P
Tubeaxial
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com