Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD350 Datasheet (PDF) - Diodes Incorporated

MJD350 Datasheet PDF - Diodes Incorporated
Part # MJD350
Download  MJD350 Download
File Size   106.2 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH VOLTAGE PNP SURFACE MOUNT TRANSISTOR

MJD350 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJD350 Datasheet PDF - Diodes Incorporated

Part # MJD350
Download  MJD350 Click to download

File Size   106.2 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH VOLTAGE PNP SURFACE MOUNT TRANSISTOR

MJD350 Datasheet (HTML) - Diodes Incorporated


MJD350 Product details

Features
• BVCEO > -300V
• IC = -0.5A Continuous Collector Current
• ICM = -0.75A Peak Pulse Current
• Ideal for Power Switching or Amplification Applications
• Complementary NPN Type: MJD340
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - MJD350

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD350 MOTOROLA-MJD350 Datasheet
194Kb / 4P
SILICON POWER TRANSISTORS 0.5 AMPERE 300 VOLTS 15 WATTS
logo
ON Semiconductor
MJD350 ONSEMI-MJD350 Datasheet
194Kb / 4P
SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
MJD350 STMICROELECTRONICS-MJD350 Datasheet
65Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Jun-1997
logo
Fairchild Semiconductor
MJD350 FAIRCHILD-MJD350 Datasheet
37Kb / 4P
High Voltage Power Transistors D-PAK for Surface Mount Applications
logo
STMicroelectronics
MJD350 STMICROELECTRONICS-MJD350 Datasheet
505Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Sep-2003
More results


Similar Description - MJD350

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PZTA92T1 ONSEMI-PZTA92T1 Datasheet
107Kb / 6P
PNP SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
1998 REV 3
logo
Weitron Technology
MMBTA92 WEITRON-MMBTA92 Datasheet
247Kb / 4P
High-Voltage PNP Transistor Surface Mount
MMBTA94 WEITRON-MMBTA94 Datasheet
206Kb / 3P
High-Voltage PNP Transistor Surface Mount
PZTA92 WEITRON-PZTA92 Datasheet
156Kb / 4P
High-Voltage PNP Transistor Surface Mount
PZTA94 WEITRON-PZTA94 Datasheet
185Kb / 4P
High-Voltage PNP Transistor Surface Mount
MMBTA94 WEITRON-MMBTA94_06 Datasheet
651Kb / 4P
High-Voltage PNP Transistor Surface Mount
PZTA94 WEITRON-PZTA94_08 Datasheet
295Kb / 4P
High-Voltage PNP Transistor Surface Mount
logo
Central Semiconductor C...
CMPTA94 CENTRAL-CMPTA94_10 Datasheet
327Kb / 2P
SURFACE MOUNT HIGH VOLTAGE PNP SILICON TRANSISTOR
logo
Diodes Incorporated
MJD350 DIODES-MJD350_15 Datasheet
106Kb / 4P
HIGH VOLTAGE PNP SURFACE MOUNT TRANSISTOR
Rev 2
logo
SHIKUES Electronics
PZTA92 SKTECHNOLGY-PZTA92 Datasheet
733Kb / 4P
High-Voltage PNP Transistor Surface Mount
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com