Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMB53D0UDW-7 Datasheet (PDF) - Diodes Incorporated

DMB53D0UDW-7 Datasheet PDF - Diodes Incorporated
Part # DMB53D0UDW-7
Download  DMB53D0UDW-7 Download
File Size   137.89 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description N-CHANNEL ENHANCEMENT MODE MOSFET PLUS NPN TRANSISTOR

DMB53D0UDW-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
DMB53D0UDW-7 Datasheet PDF - Diodes Incorporated

Part # DMB53D0UDW-7
Download  DMB53D0UDW-7 Click to download

File Size   137.89 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description N-CHANNEL ENHANCEMENT MODE MOSFET PLUS NPN TRANSISTOR

DMB53D0UDW-7 Datasheet (HTML) - Diodes Incorporated


DMB53D0UDW-7 Product details

Features
• N-Channel MOSFET and NPN Transistor in One Package
• Low On-Resistance
• Very Low Gate Threshold Voltage, 1.0V max
• Low Input Capacitance
• Fast Switching Speed
• Low Input/Output Leakage
• Ultra-Small Surface Mount Package
• ESD Protected MOSFET Gate up to 2kV
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• For automotive applications requiring specific change
   control (i.e.: parts qualified to AEC-Q101, PPAP capable, and
   manufactured in IATF 16949 certified facilities), please refer
   to the related automotive grade (Q-suffix) part. A listing can
   be found at
   https://www.diodes.com/products/automotive/automotive-products/.
• This part is qualified to JEDEC standards (as references in
   AEC-Q101) for High Reliability.
   https://www.diodes.com/quality/product-definitions/




Similar Part No. - DMB53D0UDW-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMB53D0UV DIODES-DMB53D0UV Datasheet
140Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET PLUS NPN TRANSISTOR
DS31651 Rev. 6 - 2
DMB53D0UV-7 DIODES-DMB53D0UV-7 Datasheet
140Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET PLUS NPN TRANSISTOR
DS31651 Rev. 6 - 2
More results


Similar Description - DMB53D0UDW-7

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6798 SEME-LAB-2N6798 Datasheet
21Kb / 2P
N-CHANNEL ENHANCEMENT MODE TRANSISTOR
2N7085 SEME-LAB-2N7085 Datasheet
16Kb / 2P
N-CHANNEL ENHANCEMENT MODE TRANSISTOR
logo
List of Unclassifed Man...
TN2010T ETC-TN2010T Datasheet
46Kb / 4P
N-Channel Enhancement-Mode MOSFET Transistor
logo
Diodes Incorporated
DMB53D0UV DIODES-DMB53D0UV Datasheet
140Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET PLUS NPN TRANSISTOR
DS31651 Rev. 6 - 2
DMB54D0UV DIODES-DMB54D0UV Datasheet
144Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
DS31676 Rev. 4 - 2
DMB54D0UDW DIODES-DMB54D0UDW Datasheet
144Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
DS31677 Rev. 4 - 2
DMB54D0UDW DIODES-DMB54D0UDW_15 Datasheet
144Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
Rev 4
DMB54D0UV DIODES-DMB54D0UV_15 Datasheet
128Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
Rev 5
logo
Unisonic Technologies
UTT36N05 UTC-UTT36N05_15 Datasheet
214Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
logo
Diodes Incorporated
DMPH6050SK3Q DIODES-DMPH6050SK3Q Datasheet
523Kb / 7P
60V plus 175C P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com