Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1720 Datasheet (PDF) - Sanyo Semicon Device

LB1720 Datasheet PDF - Sanyo Semicon Device
Part # LB1720
Download  LB1720 Download
File Size   58.05 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Thermal Head-Use, 8-Channel, Transistor Array?

LB1720 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1720 Datasheet PDF - Sanyo Semicon Device

Part # LB1720
Download  LB1720 Click to download

File Size   58.05 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Thermal Head-Use, 8-Channel, Transistor Array?

LB1720 Datasheet (HTML) - Sanyo Semicon Device


LB1720 Product details

Overview
The LB1720 is an 8-channel transistor array that has a low output saturation voltage and can be driven by a CMOS IC. It is especially suited for use in thermal head, LED drive applications.

Features
• Common-emitter 8-channel transistor array.
• Low output saturation voltage (0.15V typ IO=100mA).
• On-chip base current limiting resistors.
• Capable of being operated directly by TTL, CMOS IC.




Similar Part No. - LB1720

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1721M SANYO-LB1721M Datasheet
54Kb / 2P
Thermal Head-Use, 8-Channel, Transistor Array???
More results


Similar Description - LB1720

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1436A NEC-UPA1436A Datasheet
60Kb / 6P
NPN SILICON POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1437 NEC-UPA1437 Datasheet
62Kb / 6P
PNP SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1476 NEC-UPA1476 Datasheet
62Kb / 6P
NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1478 NEC-UPA1478 Datasheet
59Kb / 6P
NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
logo
Toshiba Semiconductor
TD62C805F TOSHIBA-TD62C805F Datasheet
369Kb / 12P
48BIT THERMAL HEAD DRIVER
logo
Sanyo Semicon Device
LB1290 SANYO-LB1290 Datasheet
51Kb / 2P
8-Channel Driver Array
LB1291 SANYO-LB1291 Datasheet
56Kb / 2P
8-Channel Driver Array?
LB1721M SANYO-LB1721M Datasheet
54Kb / 2P
Thermal Head-Use, 8-Channel, Transistor Array???
LB1740 SANYO-LB1740 Datasheet
41Kb / 2P
8-Channel, Current-Source Output, Darlington Transistor Array
logo
Mitsubishi Electric Sem...
M63807P MITSUBISHI-M63807P Datasheet
67Kb / 5P
8-UNIT 300mA TRANSISTOR ARRAY
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com