Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1731 Datasheet (PDF) - Sanyo Semicon Device

LB1731 Datasheet PDF - Sanyo Semicon Device
Part # LB1731
Download  LB1731 Download
File Size   72.64 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Voltage, Current-Sink Output Driver???

LB1731 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1731 Datasheet PDF - Sanyo Semicon Device

Part # LB1731
Download  LB1731 Click to download

File Size   72.64 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Voltage, Current-Sink Output Driver???

LB1731 Datasheet (HTML) - Sanyo Semicon Device


LB1731 Product details

Overview
The LB1731 is a 4-channel high-voltage current sink output driver. Inputs are active-low CMOS/TTL logic-level, and outputs are high-voltage open-collector NPN Darlington pairs.
Each driver in the LB1731 sinks up to 1.5A and withstands collector voltages of up to 85V. The LB1731 is available in a 16-pin DIP package.

Features
• For independent high-voltage high-current drivers.
• Output clamp diodes.
• Input protection diodes.
• 5V CMOS- and TTL-compatible logic-level inputs.




Similar Part No. - LB1731

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1731J SANYO-LB1731J Datasheet
63Kb / 3P
High-Voltage, Current-Sink Output Driver
More results


Similar Description - LB1731

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62064BP-1 TOSHIBA-TD62064BP-1 Datasheet
300Kb / 8P
4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62107P TOSHIBA-TD62107P Datasheet
290Kb / 9P
4CH HIGH-CURRENT DARILGTON SINK DRIVER
TD62164AP TOSHIBA-TD62164AP Datasheet
282Kb / 7P
4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62164BP TOSHIBA-TD62164BP Datasheet
287Kb / 8P
4CH HIGH-CURRENT DARLINGTON SINK DRIVER
logo
Sanyo Semicon Device
LB1745 SANYO-LB1745 Datasheet
52Kb / 2P
Octal High-Voltage,Current-Source Output Driver
logo
Burr-Brown (TI)
XTR300 BURR-BROWN-XTR300 Datasheet
621Kb / 27P
Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Sanyo Semicon Device
LB1731J SANYO-LB1731J Datasheet
63Kb / 3P
High-Voltage, Current-Sink Output Driver
logo
Analog Devices
AD5750 AD-AD5750_12 Datasheet
695Kb / 36P
Industrial Current/Voltage Output Driver
REV. D
logo
Texas Instruments
XTR300 TI1-XTR300 Datasheet
1Mb / 38P
Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Analog Devices
AD5748 AD-AD5748_14 Datasheet
749Kb / 32P
Industrial Current/Voltage Output Driver
9/14-Rev. A to Rev. B
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com